Electronic Components Datasheet Search
  English  ▼

X  

ATA5428-PLSW Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 38Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 39Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 40Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 41Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
38
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.3
Control Register
To use the transceiver in different applications, it can be configured by a connected microcon-
troller via the 4-wire serial interface.
7.3.1
Control Register 1 (ADR 0)
Table 7-1.
Control Register 1 (Function of Bit 7 and Bit 6 in RX Mode)
IR1
IR0
Function (RX Mode)
00
Pin IRQ is set to “1” if 4 received bytes are in the TX/RX data buffer or a receiving error
occurred
01
Pin IRQ is set to “1” if 8 received bytes are in the TX/RX data buffer or a receiving error
occurred
10
Pin IRQ is set to “1” if 12 received bytes are in the TX/RX data buffer or a receiving error
occurred (default)
1
1
Pin IRQ is set to “1” if a receiving error occurred
Table 7-2.
Control Register 1 (Function of Bit 7 and Bit 6 in TX Mode)
IR1
IR0
Function (TX Mode)
0
0
Pin IRQ is set to “1” if 4 bytes remain in the TX/RX data buffer or the TX data buffer is empty
0
1
Pin IRQ is set to “1” if 8 bytes remain in the TX/RX data buffer or the TX data buffer is empty
10
Pin IRQ is set to “1” if 12 bytes remain in the TX/RX data buffer or the TX data buffer is
empty (default)
1
1
Pin IRQ is set to “1” if the TX data buffer is empty
Table 7-3.
Control Register 1 (Function of Bit 5)
AVCC_EN
Function
0
(default)
1
Enables AVCC, if the ATA5423/ATA5425 is in AUX mode
Table 7-4.
Control Register 1 (Function of Bit 4)
FS
Function (RX Mode, TX Mode)
0
Selected frequency 345/433/868/915 MHz (default)
1
Selected frequency 315 MHz
Table 7-5.
Control Register 1 (Function of Bit 2 and Bit 1)
OPM1
OPM0
Function
0
0
IDLE mode (default)
0
1
TX mode
1
0
RX polling mode
11
RX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com