Electronic Components Datasheet Search
  English  ▼

X  

ATR4256 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATR4256
Description  Frequency Synthesizer for Radio Tuning
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4256 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATR4256 Datasheet HTML 13Page - ATMEL Corporation ATR4256 Datasheet HTML 14Page - ATMEL Corporation ATR4256 Datasheet HTML 15Page - ATMEL Corporation ATR4256 Datasheet HTML 16Page - ATMEL Corporation ATR4256 Datasheet HTML 17Page - ATMEL Corporation ATR4256 Datasheet HTML 18Page - ATMEL Corporation ATR4256 Datasheet HTML 19Page - ATMEL Corporation ATR4256 Datasheet HTML 20Page - ATMEL Corporation ATR4256 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
4867D–AUDR–01/08
ATR4256
Figure 10-1. Application Circuit
20
12
3
4
56
7
8
19
18
17
16
15
14
13
9
10
12
11
C
1
10 pF
R
2
600
FM
VCO
8.2k
330 pF
10 nF
47 pF
5.1k
10.25 MHz
(1)
100 nF
EN
CLK
DATA
GND
100 nF
100 mF
100
10 nF
10 nF
10 nF
DAC1
DAC2
DAC3
SWO1
SWO2
VS
8V to 12V
SWO3
SWO4
f
OSC
(1)
(1) depends on
crystal
BUS
OSC
LOGIC
DACs
Switches
V
tune
R
5
C
8
C
9
C
12
R
3
C
4
C
5
C
16
C
15
C
14
C
7
R
4
C
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com