Electronic Components Datasheet Search
  English  ▼

X  

ATR4256 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR4256
Description  Frequency Synthesizer for Radio Tuning
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4256 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR4256 Datasheet HTML 1Page - ATMEL Corporation ATR4256 Datasheet HTML 2Page - ATMEL Corporation ATR4256 Datasheet HTML 3Page - ATMEL Corporation ATR4256 Datasheet HTML 4Page - ATMEL Corporation ATR4256 Datasheet HTML 5Page - ATMEL Corporation ATR4256 Datasheet HTML 6Page - ATMEL Corporation ATR4256 Datasheet HTML 7Page - ATMEL Corporation ATR4256 Datasheet HTML 8Page - ATMEL Corporation ATR4256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
4867D–AUDR–01/08
ATR4256
2.
Pin Configuration
Figure 2-1.
Pinning SSO20
Table 2-1.
Pin Description
Pin
Symbol
Function
1
PDO
Phase detector output
2
PD
Pulsed current output
3
DAC1
Digital-to-analog converter 1
4
DAC2
Digital-to-analog converter 2
5
DAC3
Digital-to-analog converter 3
6
VS
Supply voltage, analog part
7
SWO1
Switching output 1
8
SWO2
Switching output 2
9
SWO3
Switching output 3
10
SWO4
Switching output 4
11
GND
Ground, digital part
12
OSCOUT
Reference oscillator output
13
OSCIN
Reference oscillator input
14
V5
Capacitor band gap
15
MX2LO
Oscillator buffer output
16
DATA
Data input
17
CLK
Clock
18
EN
Enable
19
FMOSCIN
FM-oscillator input
20
GNDAN
Ground, analog part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com