Electronic Components Datasheet Search
  English  ▼

X  

SC4538 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4538
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4538 Datasheet HTML 1Page - Semtech Corporation SC4538 Datasheet HTML 2Page - Semtech Corporation SC4538 Datasheet HTML 3Page - Semtech Corporation SC4538 Datasheet HTML 4Page - Semtech Corporation SC4538 Datasheet HTML 5Page - Semtech Corporation SC4538 Datasheet HTML 6Page - Semtech Corporation SC4538 Datasheet HTML 7Page - Semtech Corporation SC4538 Datasheet HTML 8Page - Semtech Corporation SC4538 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Electrical Characteristics (continued)
SC4538
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Boost Converter Characteristics (continued)
Switch Leakage Current
I
L(LX)
V
LX
= 5.5V
0.01
1
μA
Switch Saturation Voltage
V
SAT
I
LX
= 0.3A
250
450
mV
COMP Sourcing Current
I
COMP
V
COMP
= 0.9V, T
A
= 25ºC
5
μA
COMP Sinking Current
V
COMP
= 0.9V, T
A
= 25ºC
6
OUT Over-Voltage Protection
V
OVP
38
43
V
OUT Internal Pull-Down Current
I
OVP
During OVP condition
1
mA
OUT Bias Current
I
OUT
V
EN
= V
IN
, V
OUT
= 20V
50
70
μA
OUT Leakage Current
V
EN
= 0V, V
OUT
= V
IN
= 5.5V
0.01
1
μA
PWM Dimming Frequency Range(1)(2)
f
EN
Applied to EN pin
100
50k
Hz
PWM Dimming Duty Cycle Range(1)(2)
D
EN
200Hz on EN pin
0
100
%
Current Sink Characteristics
BL Current Setting Range(3)
I
BL
130
mA
BL Current Setting Accuracy
T
A
= 25°C
-3.5
3.5
%
BL Leakage Current
I
L(BL)
V
EN
= 0V, V
BL
= 2V
0.01
0.1
μA
BL Current Line Regulation
ΔI
BL
/ΔV
IN
V
IN
= 3.0 to 5.5V
±0.05
mA/V
BL Voltage
V
BL
0.35
V
ISET Bias Voltage
V
ISET
0.5
V
ISET-to-I
BL
Gain
A
ISET
230
A/A
Start-Up Time
t
start-up
1.3
μs
Notes:
(1)
Guaranteed by design.
(2)
See PWM Dimming description in the Applications Information section for limitations at high PWM dimming frequencies and low PWM
dimming duty cycles.
(3)
Not recommended to program below 1mA with R
ISET
due to tolerance stackup. To produce output current less than 1mA, set the current >
1mA and use PWM dimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com