Electronic Components Datasheet Search
  English  ▼

X  

SC4538 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4538
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4538 Datasheet HTML 3Page - Semtech Corporation SC4538 Datasheet HTML 4Page - Semtech Corporation SC4538 Datasheet HTML 5Page - Semtech Corporation SC4538 Datasheet HTML 6Page - Semtech Corporation SC4538 Datasheet HTML 7Page - Semtech Corporation SC4538 Datasheet HTML 8Page - Semtech Corporation SC4538 Datasheet HTML 9Page - Semtech Corporation SC4538 Datasheet HTML 10Page - Semtech Corporation SC4538 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Characteristics (continued)
SC4538
Waveforms During Over-Voltage Protection
400μs/div
V
LX
(50V/div)
I
OUT
(20mA/div)
V
OUT
(20V/div)
V
EN
(2V/div)
Typical Waveforms at V
IN = 2.8V
1μs/div
Typical Waveforms at V
IN = 3.6V
1μs/div
Typical Waveforms at V
IN = 5.5V
1μs/div
Start-Up Response
100μs/div
V
LX
(20V/div)
V
IN
(50mV/div)
V
OUT
(50V/div)
V
LX
(20V/div)
V
IN
(50mV/div)
V
OUT
(50V/div)
V
LX
(20V/div)
V
IN
(50mV/div)
V
OUT
(50mV/div)
V
LX
(20V/div)
V
OUT
(10V/div)
I
OUT
(20mA/div)
V
EN
(2V/div)
Normalized I
BL vs. Input Voltage
-3.5
-2.3
-1.2
0.0
1.2
2.3
3.5
2.8
3.25
3.7
4.15
4.6
5.05
5.5
V
IN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com