Electronic Components Datasheet Search
  English  ▼

X  

AA1850 Datasheet(PDF) 2 Page - Agamem Microelectronic Inc.

Part # AA1850
Description  HIGH-SIDE CURRENT MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA1850 Datasheet(HTML) 2 Page - Agamem Microelectronic Inc.

  AA1850 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 6Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Agamem Microelectronics Inc.
AA1850
PRELIMINARY
HIGH-SIDE CURRENT MONITOR
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/4/8
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
2
■ PIN DESCRIPTIONS
PIN NO.
PIN NAME
PIN FUNCTION
1
VSENSE-
Connect load
2
VSENSE+
Supply voltage
3
IOUT
Output current, proportional to VIN — VLOAD
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Voltage on any pin
VOP
-0.6~+ 20 (relative to
IOUT)
V
Continuous output current
IOUT
25
mA
Continuous sense voltage
(*2)
VSENSE
-0.5 ~ +5
V
Operating temperature
TOPR
-40 ~+ 85
°C
Storage temperature
TSTG
-55~+125
°C
Package power dissipation
SOT23
Pd
450 (TA = 25°C,derate
to zero at 125°C)
mW
Operation above the absolute maximum rating may cause device failure. Operation at the absolute
maximum ratings for extended periods may reduce device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com