Electronic Components Datasheet Search
  English  ▼

X  

AA1850 Datasheet(PDF) 3 Page - Agamem Microelectronic Inc.

Part # AA1850
Description  HIGH-SIDE CURRENT MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA1850 Datasheet(HTML) 3 Page - Agamem Microelectronic Inc.

  AA1850 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA1850 Datasheet HTML 6Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Agamem Microelectronics Inc.
AA1850
PRELIMINARY
HIGH-SIDE CURRENT MONITOR
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/4/8
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
3
■ ELECTRICAL CHARACTERISTICS
TA = 25°C, VIN = 5V, Rout = 100Ω.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
MIN
TYP
MAX
UNIT
VIN
VCC range
2.5
20
V
Iout (*1)
Output current
VSENSE =0V
VSENSE =10mV
VSENSE =100mV
VSENSE =200mV
VSENSE =1V
1
90
0.975
1.95
9.6
4
104
1.002
2.0
9.98
15
120
1.025
2.05
10.2
µA
µA
mA
mA
mA
VSENSE (*2) Sense voltage
0
2500
mV
Isense-
VSENSE- input
current
100
nA
Acc
Accuracy
RSENSE =0.1Ω
VSENSE =200mV
-2.5
2.5
%
Gm
Tran conductance,
IOUT / VSENSE
1000
0
µA/V
BW
Bandwidth
VSENSE = 10mV, PIN =
-40dBm (*3)
VSENSE = 100mV, PIN =
-20dBm (*3)
300
2
kHz
MHz
*1 Includes input offset voltage contribution
*2 VSENSE is defined as the differential voltage between VSENSE+ and VSENSE-
VSENSE = VSENSE+ - VSENSE-
= VIN - VLOAD
= ILOAD x RSENSE
*3 -20dBm=63mVp-p into 50Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com