Electronic Components Datasheet Search
  English  ▼

X  

MSP430F2001TPWR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001TPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001TPWR Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F2001TPWR Datasheet HTML 45Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 46Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 47Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 48Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 49Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 50Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 51Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 52Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Flash Memory
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(PGM/
ERASE)
Program and Erase supply voltage
2.2
3.6
V
fFTG
Flash Timing Generator frequency
257
476
kHz
IPGM
Supply current from VCC during program
2.2 V/3.6 V
1
5
mA
IERASE
Supply current from VCC during erase
2.2 V/3.6 V
1
7
mA
tCPT
Cumulative program time (see Note 1)
2.2 V/3.6 V
10
ms
tCMErase
Cumulative mass erase time
2.2 V/3.6 V
20
ms
Program/Erase endurance
104
105
cycles
tRetention
Data retention duration
TJ =25°C
100
years
tWord
Word or byte program time
30
tBlock, 0
Block program time for 1st byte or word
25
tBlock, 1-63
Block program time for each additional byte or word
see Note 2
18
t
tBlock, End
Block program end-sequence wait time
seeNote2
6
tFTG
tMass Erase
Mass erase time
10593
tSeg Erase
Segment erase time
4819
NOTES: 1. The cumulative program time must not be exceeded when writing to a 64-byte flash block. This parameter applies to all programming
methods: individual word/byte write and block write modes.
2. These values are hardwired into the Flash Controller’s state machine (tFTG =1/fFTG).
RAM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(RAMh)
RAM retention supply voltage (see Note 1)
CPU halted
1.6
V
NOTE 1: This parameter defines the minimum supply voltage VCC when the data in RAM remains unchanged. No program execution should
happen during this supply voltage condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com