Electronic Components Datasheet Search
  English  ▼

X  

MSP430F2001TPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001TPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001TPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F2001TPWR Datasheet HTML 18Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 19Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 20Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 21Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 22Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 23Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 24Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 25Page - Texas Instruments MSP430F2001TPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
typical characteristics -- active mode supply current (into VCC)
0.0
1.0
2.0
3.0
4.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC -- Supply Voltage -- V
Figure 2. Active mode current vs VCC,TA =25°C
fDCO =1MHz
fDCO =8MHz
fDCO =12MHz
fDCO =16MHz
0.0
1.0
2.0
3.0
4.0
0.0
4.0
8.0
12.0
16.0
fDCO -- DCO Frequency -- MHz
Figure 3. Active mode current vs DCO frequency
TA =25 °C
TA =85 °C
VCC =2.2 V
VCC =3V
TA =25 °C
TA =85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com