Electronic Components Datasheet Search
  English  ▼

X  

AA8335 Datasheet(PDF) 2 Page - Agamem Microelectronic Inc.

Part # AA8335
Description  SOUND EFFECT PROCESSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA8335 Datasheet(HTML) 2 Page - Agamem Microelectronic Inc.

  AA8335 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 6Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 7Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 8Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Agamem Microelectronics Inc.
AA8335
PRELIMINARY
SOUND EFFECT PROCESSOR
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/3/26
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
2
■ PIN DESCRIPTIONS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
9
10
12
11
IN-R
SEP
CR2-R
LF-R
OUT-R
HI-CONTROL
LO-CONTROL
HF-R
CR1-R
MF-R
IN-L
GND
CL2-L
LF-L
OUT-L
VREF
Vcc
HF-L
CL1-L
MF-L
TOP VIEW
PIN NO.
PIN NAME
PIN FUNCTION
1
IN-R
Input pin R
2
HF-R
High frequency (right)
3
CR1-R
Capacitance 1 & Resistor 1 (right)
4
MF-R
Middle frequency (right)
5
CR2-R
Capacitance 2 & Resistor 2 (right)
6
LF-R
Low frequency (right)
7
OUT-R
Output pin R
8
HI
CONTROL
Control switch 9dB
9
LO
CONTROL
Control switch 6dB
10
SEP
6dB & 9dB function control
11
GND
Ground
12
VCC
Power supply
13
VREF
Reference voltage
14
OUT-L
Output pin L
15
LF-L
Low frequency (left)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com