Electronic Components Datasheet Search
  English  ▼

X  

AA8335 Datasheet(PDF) 3 Page - Agamem Microelectronic Inc.

Part # AA8335
Description  SOUND EFFECT PROCESSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA8335 Datasheet(HTML) 3 Page - Agamem Microelectronic Inc.

  AA8335 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 6Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 7Page - Agamem Microelectronic Inc. AA8335 Datasheet HTML 8Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Agamem Microelectronics Inc.
AA8335
PRELIMINARY
SOUND EFFECT PROCESSOR
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2008/3/26
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
3
PIN NO.
PIN NAME
PIN FUNCTION
16
CR2-L
Capacitance 2 & Resistor 2 (left)
17
MF-L
Middle frequency (left)
18
CR1-L
Capacitance 1 & Resistor 1 (left)
19
HF-L
High frequency (left)
20
IN-L
Input pin L
■ ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
Vcc
15
V
Power Dissipation
PD
(DIP20)
700
(TSSOP) 300
mW
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-40~+125
℃
WARNING: Semiconductor devices can be permanently damaged by application of
stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do
not exceed these ratings.
■ ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 9V
SYMBOL
PARAMETER
CONDITIONS
LIMITS
MIN
TYP
MAX
UNIT
Vcc
Operation Voltage
4.5
9.0
13.0
V
Icc
Supply Current
-
13
17.0
mA
VREF
Reference Voltage
4.0
4.5
5.0
V
VthH
SEP Control
Voltage Threshold
2.0
-
VCC
V
VthL
0
-
0.5
V
Vinmax
Maximum Input
Voltage
f = 1KHz, RL=10KΩ
2.8
-
-
Vrms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com