Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC7SLB8 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC7SLB8 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP8SAC7SLB8 Datasheet HTML 18Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 19Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 20Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 21Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 22Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 23Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 24Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 25Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
7.0 Timers (Continued)
7.2.3 Mode 3. Input Capture Mode
The device can precisely measure external frequencies or
time external events by placing the timer block, T1, in the
input capture mode. In this mode, the reload registers serve
as independent capture registers, capturing the contents of
the timer when an external event occurs (transition on the
timer input pin). The capture registers can be read while
maintaining count, a feature that lets the user measure
elapsed time and time between events. By saving the timer
value when the external event occurs, the time of the exter-
nal event is recorded. Most microcontrollers have a latency
time because they cannot determine the timer value when
the external event occurs. The capture register eliminates
the latency time, thereby allowing the applications program
to retrieve the timer value stored in the capture register.
In this mode, the timer T1 is constantly running at the fixed t
C
rate. The two registers, R1A and R1B, act as capture regis-
ters. Each register acts in conjunction with a pin. The register
R1A acts in conjunction with the T1A pin and the register
R1B acts in conjunction with the T1B pin.
The timer value gets copied over into the register when a
trigger event occurs on its corresponding pin. Control bits,
T1C3, T1C2 and T1C1, allow the trigger events to be speci-
fied either as a positive or a negative edge. The trigger
condition for each input pin can be specified independently.
The trigger conditions can also be programmed to generate
interrupts. The occurrence of the specified trigger condition
on the T1A and T1B pins will be respectively latched into the
pending flags, T1PNDA and T1PNDB. The control flag
T1ENA allows the interrupt on T1A to be either enabled or
disabled. Setting the T1ENA flag enables interrupts to be
generated when the selected trigger condition occurs on the
T1A pin. Similarly, the flag T1ENB controls the interrupts
from the T1B pin.
Underflows from the timer can also be programmed to gen-
erate interrupts. Underflows are latched into the timer T1C0
pending flag (the T1C0 control bit serves as the timer under-
flow interrupt pending flag in the Input Capture mode). Con-
sequently, the T1C0 control bit should be reset when enter-
ing the Input Capture mode. The timer underflow interrupt is
enabled with the T1ENA control flag. When a T1A interrupt
occurs in the Input Capture mode, the user must check both
the T1PNDA and T1C0 pending flags in order to determine
whether a T1A input capture or a timer underflow (or both)
caused the interrupt.
Figure 17 shows a block diagram of the timer in Input Cap-
ture mode.
DS012838-24
FIGURE 17. Timer in Input Capture Mode
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com