Electronic Components Datasheet Search
  English  ▼

X  

COP8SAC7SLB8 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAC7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAC7SLB8 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button COP8SAC7SLB8 Datasheet HTML 39Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 40Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 41Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 42Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 43Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 44Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 45Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 46Page - National Semiconductor (TI) COP8SAC7SLB8 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
13.0 Instruction Set (Continued)
13.4.9 No-Operation Instruction
The no-operation instruction does nothing, except to occupy
space in the program memory and time in execution.
No-Operation (NOP)
Note: The VIS is a special case of the Indirect Transfer of Control addressing
mode, where the double byte vector associated with the interrupt is
transferred from adjacent addresses in the program memory into the
program counter (PC) in order to jump to the associated interrupt
service routine.
13.5 REGISTER AND SYMBOL DEFINITION
The following abbreviations represent the nomenclature
used
in
the
instruction
description
and
the
COP8
cross-assembler.
Registers
A
8-Bit Accumulator Register
B
8-Bit Address Register
X
8-Bit Address Register
SP
8-Bit Stack Pointer Register
PC
15-Bit Program Counter Register
PU
Upper 7 Bits of PC
PL
Lower 8 Bits of PC
C
1 Bit of PSW Register for Carry
HC
1 Bit of PSW Register for Half Carry
GIE
1 Bit of PSW Register for Global Interrupt
Enable
VU
Interrupt Vector Upper Byte
VL
Interrupt Vector Lower Byte
Symbols
[B]
Memory Indirectly Addressed by B Register
[X]
Memory Indirectly Addressed by X Register
MD
Direct Addressed Memory
Mem
Direct Addressed Memory or [B]
Meml
Direct Addressed Memory or [B] or
Immediate Data
Imm
8-Bit Immediate Data
Reg
Register Memory: Addresses F0 to FF
(Includes B, X and SP)
Bit
Bit Number (0 to 7)
←
Loaded with
↔
Exchanged with
www.national.com
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com