Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2533 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM2533
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2533 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM2533 Datasheet HTML 2Page - ATMEL Corporation ATSAM2533 Datasheet HTML 3Page - ATMEL Corporation ATSAM2533 Datasheet HTML 4Page - ATMEL Corporation ATSAM2533 Datasheet HTML 5Page - ATMEL Corporation ATSAM2533 Datasheet HTML 6Page - ATMEL Corporation ATSAM2533 Datasheet HTML 7Page - ATMEL Corporation ATSAM2533 Datasheet HTML 8Page - ATMEL Corporation ATSAM2533 Datasheet HTML 9Page - ATMEL Corporation ATSAM2533 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
6396A–DRMSD–15-Oct-08
ATSAM2533
DBCLK
85
IN 5VT
Debug clock, should be connected to VD33 under normal operation. If DBCLK is found low
just after RESET, then the internal ROM debugger/Flash programmer is started
DBDATA
87
I/O 5VT
Debug data, allows serial communication for debug/Flash programming. This pin has a built-
in pull down.
DBACK
86
OUT
Debug ack, toggled each time a bit is received/sent on DBDATA
MIDI IN
96
IN 5VT
MIDI IN, input. This pin has a built-in pull up.
MIDI OUT
94
OUT
MIDI OUT, output.
WA0-23
35-40,
43-48,
55-58,
60-67
OUT
External memory address (ROM/Flash). Up to 32 Mega bytes.
WD0-15
14-24,
27-31
I/O 5VT
External ROM/Flash data.
WCS
70
OUT
External ROM/Flash chip select, active low.
WWE
72
OUT
External Flash write enable, active low.
WOE
71
OUT
External ROM/Flash output enable, active low.
TEST0-1
95, 78
IN
Test pins, should be returned to GND.
PDWN
32
IN
Power down, active low. When power down is active, WCS, WWE, WOE, address and data
lines are floated. All other outputs are set to 0. The crystal oscillator is stopped, OUTVC18 is
set to 0 and 1.8V supply voltage is removed from the core. To exit from power down, PDWN
must be set to VD33, then RESET applied. When unused this pin must be connected to
VD33.
NC
73, 74
–
Not connected pins.
Table 5-1.
ATSAM2523 Pinout by Name (Continued)
Name
Pin#
TYPE
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com