Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 325 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 325 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 321Page - ATMEL Corporation AT90USB646 Datasheet HTML 322Page - ATMEL Corporation AT90USB646 Datasheet HTML 323Page - ATMEL Corporation AT90USB646 Datasheet HTML 324Page - ATMEL Corporation AT90USB646 Datasheet HTML 325Page - ATMEL Corporation AT90USB646 Datasheet HTML 326Page - ATMEL Corporation AT90USB646 Datasheet HTML 327Page - ATMEL Corporation AT90USB646 Datasheet HTML 328Page - ATMEL Corporation AT90USB646 Datasheet HTML 329Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 459 page
background image
325
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
where V
IN is the voltage on the selected input pin and VREF the selected voltage reference (see
Table 25-3 on page 327 and Table 25-4 on page 327). 0x000 represents analog ground, and
0x3FF represents the selected reference voltage minus one LSB.
If differential channels are used, the result is:
where V
POS is the voltage on the positive input pin, VNEG the voltage on the negative input pin,
GAIN the selected gain factor and VREF the selected voltage reference. The result is presented
in two’s complement form, from 0x200 (-512d) through 0x1FF (+511d). Note that if the user
wants to perform a quick polarity check of the result, it is sufficient to read the MSB of the result
(ADC9 in ADCH). If the bit is one, the result is negative, and if this bit is zero, the result is posi-
tive. Figure 25-14 shows the decoding of the differential input range.
Table 82 shows the resulting output codes if the differential input channel pair (ADCn - ADCm) is
selected with a reference voltage of VREF.
Figure 25-14. Differential Measurement Range
ADC
V
IN
1023
⋅
V
REF
--------------------------
=
ADC
V
POS
V
NEG
–
() GAIN 512
⋅⋅
V
REF
------------------------------------------------------------------------
=
0
Output Code
0x1FF
0x000
V
REF
Differential Input
Voltage (Volts)
0x3FF
0x200
- V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com