Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 328 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 328 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 324Page - ATMEL Corporation AT90USB646 Datasheet HTML 325Page - ATMEL Corporation AT90USB646 Datasheet HTML 326Page - ATMEL Corporation AT90USB646 Datasheet HTML 327Page - ATMEL Corporation AT90USB646 Datasheet HTML 328Page - ATMEL Corporation AT90USB646 Datasheet HTML 329Page - ATMEL Corporation AT90USB646 Datasheet HTML 330Page - ATMEL Corporation AT90USB646 Datasheet HTML 331Page - ATMEL Corporation AT90USB646 Datasheet HTML 332Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 459 page
background image
328
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
25.8.2
ADC Control and Status Register A – ADCSRA
• Bit 7 – ADEN: ADC Enable
Writing this bit to one enables the ADC. By writing it to zero, the ADC is turned off. Turning the
ADC off while a conversion is in progress, will terminate this conversion.
• Bit 6 – ADSC: ADC Start Conversion
In Single Conversion mode, write this bit to one to start each conversion. In Free Running mode,
write this bit to one to start the first conversion. The first conversion after ADSC has been written
after the ADC has been enabled, or if ADSC is written at the same time as the ADC is enabled,
01000
N/A
(ADC0 / ADC0 / 10x)
01001
ADC1
ADC0
10x
01010
(ADC0 / ADC0 / 200x)
01011
ADC1
ADC0
200x
01100
(Reserved - ADC2 / ADC2 / 10x)
01101
ADC3
ADC2
10x
01110
(ADC2 / ADC2 / 200x)
01111
ADC3
ADC2
200x
10000
ADC0
ADC1
1x
10001
(ADC1 / ADC1 / 1x)
10010
ADC2
ADC1
1x
10011
ADC3
ADC1
1x
10100
ADC4
ADC1
1x
10101
ADC5
ADC1
1x
10110
ADC6
ADC1
1x
10111
ADC7
ADC1
1x
11000
ADC0
ADC2
1x
11001
ADC1
ADC2
1x
11010
(ADC2 / ADC2 / 1x)
11011
ADC3
ADC2
1x
11100
ADC4
ADC2
1x
11101
ADC5
ADC2
1x
11110
1.1V (V
Band Gap)
N/A
11111
0V (GND)
Table 25-4.
Input Channel and Gain Selections (Continued)
MUX4..0
Single Ended
Input
Positive Differential
Input
Negative Differential
Input
Gain
Bit
765
432
10
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
ADCSRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com