Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 374 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 374 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 370Page - ATMEL Corporation AT90USB646 Datasheet HTML 371Page - ATMEL Corporation AT90USB646 Datasheet HTML 372Page - ATMEL Corporation AT90USB646 Datasheet HTML 373Page - ATMEL Corporation AT90USB646 Datasheet HTML 374Page - ATMEL Corporation AT90USB646 Datasheet HTML 375Page - ATMEL Corporation AT90USB646 Datasheet HTML 376Page - ATMEL Corporation AT90USB646 Datasheet HTML 377Page - ATMEL Corporation AT90USB646 Datasheet HTML 378Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 459 page
background image
374
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
eight bits are required to address words in the page (pagesize < 256), the most significant bit(s)
in the address low byte are used to address the page when performing a Page Write.
G. Load Address High byte (Address bits15..8)
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS2, BS1 to “01”. This selects the address high byte.
3.
Set DATA = Address high byte (0x00 - 0xFF).
4.
Give XTAL1 a positive pulse. This loads the address high byte.
H. Load Address Extended High byte (Address bits 23..16)
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS2, BS1 to “10”. This selects the address extended high byte.
3.
Set DATA = Address extended high byte (0x00 - 0xFF).
4.
Give XTAL1 a positive pulse. This loads the address high byte.
I. Program Page
1.
Set BS2, BS1 to “00”
2.
Give WR a negative pulse. This starts programming of the entire page of data.
RDY/BSY goes low.
3.
Wait until RDY/BSY goes high (See Figure 29-3 for signal waveforms).
J. Repeat B through I until the entire Flash is programmed or until all data has been
programmed.
K. End Page Programming
1.
1. Set XA1, XA0 to “10”. This enables command loading.
2.
Set DATA to “0000 0000”. This is the command for No Operation.
3.
Give XTAL1 a positive pulse. This loads the command, and the internal write signals
are reset.
Figure 29-2. Addressing the Flash Which is Organized in Pages(1)
PROGRAM MEMORY
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com