Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 372 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 372 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 368Page - ATMEL Corporation AT90USB646 Datasheet HTML 369Page - ATMEL Corporation AT90USB646 Datasheet HTML 370Page - ATMEL Corporation AT90USB646 Datasheet HTML 371Page - ATMEL Corporation AT90USB646 Datasheet HTML 372Page - ATMEL Corporation AT90USB646 Datasheet HTML 373Page - ATMEL Corporation AT90USB646 Datasheet HTML 374Page - ATMEL Corporation AT90USB646 Datasheet HTML 375Page - ATMEL Corporation AT90USB646 Datasheet HTML 376Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 459 page
background image
372
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
29.6
Parallel Programming
29.6.1
Enter Programming Mode
The following algorithm puts the device in parallel programming mode:
1.
Apply 4.5 - 5.5V between V
CC and GND.
2.
Set RESET to “0” and toggle XTAL1 at least six times.
3.
Set the Prog_enable pins listed in Table 29-8 on page 371 to “0000” and wait at least
100 ns.
4.
Apply 11.5 - 12.5V to RESET. Any activity on Prog_enable pins within 100 ns after
+12V has been applied to RESET, will cause the device to fail entering programming
mode.
5.
Wait at least 50 µs before sending a new command.
29.6.2
Considerations for Efficient Programming
The loaded command and address are retained in the device during programming. For efficient
programming, the following should be considered.
• The command needs only be loaded once when writing or reading multiple memory
locations.
• Skip writing the data value 0xFF, that is the contents of the entire EEPROM (unless the
EESAVE Fuse is programmed) and Flash after a Chip Erase.
• Address high byte needs only be loaded before programming or reading a new 256 word
window in Flash or 256 byte EEPROM. This consideration also applies to Signature bytes
reading.
29.6.3
Chip Erase
The Chip Erase will erase the Flash and EEPROM(1) memories plus Lock bits. The Lock bits are
not reset until the program memory has been completely erased. The Fuse bits are not
Table 29-11. No. of Words in a Page and No. of Pages in the Flash
Flash Size
Page Size
PCWORD
No. of
Pages
PCPAGE
PCMSB
16K words (32K bytes)
64 words
PC[6:0]
256
PC[13:7]
13
32K words (64K bytes)
128 words
PC[6:0]
256
PC[14:7]
14
64K words (128K bytes)
128 words
PC[6:0]
512
PC[15:7]
15
Table 29-12. No. of Words in a Page and No. of Pages in the EEPROM
EEPROM Size
Page Size
PCWORD
No. of
Pages
PCPAGE
EEAMSB
1K bytes
4 bytes
EEA[2:0]
256
EEA[9:3]
9
2K bytes
8 bytes
EEA[2:0]
256
EEA[10:3]
10
4K bytes
8 bytes
EEA[2:0]
512
EEA[11:3]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com