Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 369 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 369 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 365Page - ATMEL Corporation AT90USB646 Datasheet HTML 366Page - ATMEL Corporation AT90USB646 Datasheet HTML 367Page - ATMEL Corporation AT90USB646 Datasheet HTML 368Page - ATMEL Corporation AT90USB646 Datasheet HTML 369Page - ATMEL Corporation AT90USB646 Datasheet HTML 370Page - ATMEL Corporation AT90USB646 Datasheet HTML 371Page - ATMEL Corporation AT90USB646 Datasheet HTML 372Page - ATMEL Corporation AT90USB646 Datasheet HTML 373Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 459 page
background image
369
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
29.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
29.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space.
AT90USB128x Signature Bytes:
1.
0x000: 0x1E (indicates manufactured by Atmel).
2.
0x001: 0x97 (indicates 128KB Flash memory).
3.
0x002: 0x82 (indicates AT90USB128x device).
AT90USB64x Signature Bytes:
1.
0x000: 0x1E (indicates manufactured by Atmel).
2.
0x001: 0x96 (indicates 64KB Flash memory).
3.
0x002: 0x82 (indicates AT90USB64x device).
ATMega32U6 Signature Bytes:
1.
0x000: 0x1E (indicates manufactured by Atmel).
2.
0x001: 0x95 (indicates 32KB Flash memory).
3.
0x002: 0x88 (indicates ATMega32U6 device).
29.4
Calibration Byte
The ATmega32U6/AT90USB64/128 has a byte calibration value for the internal RC Oscillator.
This byte resides in the high byte of address 0x000 in the signature address space. During reset,
this byte is automatically written into the OSCCAL Register to ensure correct frequency of the
calibrated RC Oscillator.
29.5
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATmega32U6/AT90USB64/128. Pulses
are assumed to be at least 250 ns unless otherwise noted.
29.5.1
Signal Names
In this section, some pins of the ATmega32U6/AT90USB64/128 are referenced by signal names
describing their functionality during parallel programming, see Figure 29-1 and Table 29-6. Pins
not described in the following table are referenced by pin names.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com