Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 368 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 368 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 364Page - ATMEL Corporation AT90USB646 Datasheet HTML 365Page - ATMEL Corporation AT90USB646 Datasheet HTML 366Page - ATMEL Corporation AT90USB646 Datasheet HTML 367Page - ATMEL Corporation AT90USB646 Datasheet HTML 368Page - ATMEL Corporation AT90USB646 Datasheet HTML 369Page - ATMEL Corporation AT90USB646 Datasheet HTML 370Page - ATMEL Corporation AT90USB646 Datasheet HTML 371Page - ATMEL Corporation AT90USB646 Datasheet HTML 372Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 459 page
background image
368
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Note:
1. The SPIEN Fuse is not accessible in serial programming mode.
2. See Table 28-8 on page 364 for details.
3. See “Watchdog Timer Control Register - WDTCSR” on page 65 for details.
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of Lock bits
and JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the clock system to
be running in all sleep modes. This may increase the power consumption.
Note:
1. The default value of SUT1..0 results in maximum start-up time for the default clock source
(258K CK + 4.1ms). See Table 8-1 on page 58 for details.
2. The default setting of CKSEL3..0 results in External Crystal Oscillator @ 8 MHz. See Table 6-
1 on page 40 for details.
3. The CKOUT Fuse allow the system clock to be output on PORTC7. See “Clock Output Buffer”
on page 46 for details.
4. See “System Clock Prescaler” on page 47 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
Table 29-4.
Fuse High Byte (AT90USB128 : 0x99 - AT90USB64 : 0x9B)
Fuse High Byte
Bit No
Description
Default Value
OCDEN
(4)
7
Enable OCD
1 (unprogrammed, OCD disabled)
JTAGEN
6
Enable JTAG
0 (programmed, JTAG enabled)
SPIEN
(1)
5
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog. enabled)
WDTON
(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM not
preserved)
BOOTSZ1
2
Select Boot Size (see Table 29-6
for details)
0 (programmed)
(2)
BOOTSZ0
1
Select Boot Size (see Table 29-6
for details)
0 (programmed)
(2) (AT90USB128
and ATmega32U6)
1 (unprogrammed)
(2) (AT90USB64)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)
Table 29-5.
Fuse Low Byte (0x5E)
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8
(4)
7
Divide clock by 8
0 (programmed)
CKOUT
(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
0 (programmed)
(1)
SUT0
4
Select start-up time
1 (unprogrammed)
(1)
CKSEL3
3
Select Clock source
1 (unprogrammed)
(2)
CKSEL2
2
Select Clock source
1 (unprogrammed)
(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)
(2)
CKSEL0
0
Select Clock source
0 (programmed)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com