Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 405 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 405 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 401Page - ATMEL Corporation AT90USB646 Datasheet HTML 402Page - ATMEL Corporation AT90USB646 Datasheet HTML 403Page - ATMEL Corporation AT90USB646 Datasheet HTML 404Page - ATMEL Corporation AT90USB646 Datasheet HTML 405Page - ATMEL Corporation AT90USB646 Datasheet HTML 406Page - ATMEL Corporation AT90USB646 Datasheet HTML 407Page - ATMEL Corporation AT90USB646 Datasheet HTML 408Page - ATMEL Corporation AT90USB646 Datasheet HTML 409Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 459 page
background image
405
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
30.9
ADC Characteristics
Table 30-5.
ADC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Single Ended Conversion
10
Bits
Differential Conversion
Gain = 1x or 10x
8Bits
Differential Conversion
Gain = 200x
7Bits
Absolute accuracy (Including
INL, DNL, quantization error,
gain and offset error)
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
1.5
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 1 MHz
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
Noise Reduction Mode
1.5
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 1 MHz
Noise Reduction Mode
LSB
Absolute accuracy
Gain = 1x, 10x, 200x
Vref = 4V, Vcc = 5V
ADC Clock = 50 - 200 kHz
1LSB
Integral Non-Linearity (INL)
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.5
1
LSB
Integral Non-Linearity (INL)
(Accuracy after calibration for
offset and gain error)
Gain = 1x, 10x, 200x
Vref = 4V, Vcc = 5V
ADC Clock = 50 - 200 kHz
0.5
1
LSB
Differential Non-Linearity (DNL)
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.3
1
LSB
Gain Error
Single Ended Conversion
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
-2
0
+2
LSB
Gain = 1x, 10x, 200x
-2
0
+2
LSB
Offset Error
Single Ended Conversion
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
-2
1
+2
LSB
Gain = 1x, 10x, 200x
Vref = 4V, Vcc = 5V
ADC Clock = 50 - 200 kHz
-1
0
+1
LSB
Conversion Time
Free Running Conversion
65
260
µs
Clock Frequency
Single Ended Conversion
50
1000
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com