Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 445 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 445 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 441Page - ATMEL Corporation AT90USB646 Datasheet HTML 442Page - ATMEL Corporation AT90USB646 Datasheet HTML 443Page - ATMEL Corporation AT90USB646 Datasheet HTML 444Page - ATMEL Corporation AT90USB646 Datasheet HTML 445Page - ATMEL Corporation AT90USB646 Datasheet HTML 446Page - ATMEL Corporation AT90USB646 Datasheet HTML 447Page - ATMEL Corporation AT90USB646 Datasheet HTML 448Page - ATMEL Corporation AT90USB646 Datasheet HTML 449Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 459 page
background image
445
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Problem Fix/workaround
No known workaround, enable ATmega32U6/AT90USB64/128 TWI first versus the others
nodes of the TWI network.
2.
High current consumption in sleep mode
If a pending interrupt cannot wake the part up from the selected mode, the current consump-
tion will increase during sleep when executing the SLEEP instruction directly after a SEI
instruction.
Problem Fix/workaround
Before entering sleep, interrupts not used to wake up the part from the sleep mode should
be disabled.
1.
Asynchronous timer interrupt wake up from sleep generates multiple interrupts
If the CPU core is in sleep and wakes-up from an asynchronous timer interrupt and then go
back in sleep again it may wake up multiple times.
Problem Fix/workaround
A sof t w a r e w o r k a r ou nd is t o wa it w i th p e r f or m i ng t he sle e p inst r u ctio n un til
TCNT2>OCR2+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com