Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 447 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 447 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 443Page - ATMEL Corporation AT90USB646 Datasheet HTML 444Page - ATMEL Corporation AT90USB646 Datasheet HTML 445Page - ATMEL Corporation AT90USB646 Datasheet HTML 446Page - ATMEL Corporation AT90USB646 Datasheet HTML 447Page - ATMEL Corporation AT90USB646 Datasheet HTML 448Page - ATMEL Corporation AT90USB646 Datasheet HTML 449Page - ATMEL Corporation AT90USB646 Datasheet HTML 450Page - ATMEL Corporation AT90USB646 Datasheet HTML 451Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 459 page
background image
447
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
A so ftware wo rkaround is to wait be foreperforming t he sle ep instru ction: until
TCNT2>OCR2+1.
38. AT90USB647/6 Errata.
• Incorrect interrupt routine exection for VBUSTI, IDTI interrupts flags
• USB Eye Diagram violation in low-speed mode
• Transient perturbation in USB suspend mode generates over consumption
• Spike on TWI pins when TWI is enabled
• High current consumption in sleep mode
• Async timer interrupt wake up from sleep generate multiple interrupts
6.
Incorrect CPU behavior for VBUSTI and IDTI interrupts routines
The CPU core may incorrectly execute the interrupt vector related to the VBUSTI and IDTI
interrupt flags.
Problem fix/workaround
Do not enable these interrupts, firmware must process these USB events by polling VBUSTI
and IDTI flags.
5. USB Eye Diagram violation in low-speed mode
The low to high transition of D- violates the USB eye diagram specification when transmitting
with low-speed signaling.
Problem fix/workaround
None.
4. Transient perturbation in USB suspend mode generates overconsumption
In device mode and when the USB is suspended, transient perturbation received on the
USB lines generates a wake up state. However the idle state following the perturbation does
not set the SUSPI bit anymore. The internal USB engine remains in suspend mode but the
USB differential receiver is still enabled and generates a typical 300µA extra-power con-
sumption. Detection of the suspend state after the transient perturbation should be
performed by software (instead of reading the SUSPI bit).
Problem fix/workaround
USB waiver allows bus powered devices to consume up to 2.5mA in suspend state.
3. Spike on TWI pins when TWI is enabled
100 ns negative spike occurs on SDA and SCL pins when TWI is enabled.
Problem Fix/workaround
No known workaround, enable ATmega32U6/AT90USB64/128 TWI first versus the others
nodes of the TWI network.
2. High current consumption in sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com