Electronic Components Datasheet Search
  English  ▼

X  

AT68166F Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT68166F
Description  Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166F Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT68166F Datasheet HTML 9Page - ATMEL Corporation AT68166F Datasheet HTML 10Page - ATMEL Corporation AT68166F Datasheet HTML 11Page - ATMEL Corporation AT68166F Datasheet HTML 12Page - ATMEL Corporation AT68166F Datasheet HTML 13Page - ATMEL Corporation AT68166F Datasheet HTML 14Page - ATMEL Corporation AT68166F Datasheet HTML 15Page - ATMEL Corporation AT68166F Datasheet HTML 16Page - ATMEL Corporation AT68166F Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
7747A–AERO–07/07
AT68166F/G
Figure 14. 8-bit typical application (two SRAM banks)
A[17:0]
I/O[7:0]
AT68166F/G
A
D
AT697E
A[27:0]
D[31:0]
D[31:24]
A[17:0]
A[17:0]
D[31:0]
I/O[15:8]
D[31:24]
CS[0]
WE[0]
RWE0*
RAMS0*
CS[1]
WE[1]
RWE0*
RAMS1*
OE
RAMOE[1:0]*
CS[3]
WE[3]
RWE0*
RAMS2*
CS[2]
WE[2]
RWE0*
RAMS2*
I/O[23:16]
D[31:24]
I/O[31:24]
D[31:24]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com