Electronic Components Datasheet Search
  English  ▼

X  

AT68166F Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT68166F
Description  Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166F Datasheet(HTML) 4 Page - ATMEL Corporation

  AT68166F Datasheet HTML 1Page - ATMEL Corporation AT68166F Datasheet HTML 2Page - ATMEL Corporation AT68166F Datasheet HTML 3Page - ATMEL Corporation AT68166F Datasheet HTML 4Page - ATMEL Corporation AT68166F Datasheet HTML 5Page - ATMEL Corporation AT68166F Datasheet HTML 6Page - ATMEL Corporation AT68166F Datasheet HTML 7Page - ATMEL Corporation AT68166F Datasheet HTML 8Page - ATMEL Corporation AT68166F Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
7747A–AERO–07/07
AT68166F/G
Figure 3. AT68166F pin assignment in YM package
Figure 4. AT68166F/G pin assignment in YS package
I/O0[0]
I/O0[1]
I/O0[2]
I/O0[3]
I/O0[4]
I/O0[5]
I/O0[6]
I/O0[7]
GND
I/O1[0]
I/O1[1]
I/O1[2]
I/O1[3]
I/O1[4]
I/O1[5]
I/O1[6]
I/O1[7]
I/O2[0]
I/O2[1]
I/O2[2]
I/O2[3]
I/O2[4]
I/O2[5]
I/O2[6]
I/O2[7]
GND
I/O3[0]
I/O3[1]
I/O3[2]
I/O3[3]
I/O3[4]
I/O3[5]
I/O3[6]
I/O3[7]
AT68166F
(top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
I/O0[0]
I/O0[1]
I/O0[2]
I/O0[3]
I/O0[4]
I/O0[5]
I/O0[6]
I/O0[7]
GND
I/O1[0]
I/O1[1]
I/O1[2]
I/O1[3]
I/O1[4]
I/O1[5]
I/O1[6]
I/O1[7]
I/O2[0]
I/O2[1]
I/O2[2]
I/O2[3]
I/O2[4]
I/O2[5]
I/O2[6]
I/O2[7]
GND
I/O3[0]
I/O3[1]
I/O3[2]
I/O3[3]
I/O3[4]
I/O3[5]
I/O3[6]
I/O3[7]
AT68166F/G
(top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com