Electronic Components Datasheet Search
  English  ▼

X  

TAS5709PHPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709PHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5709PHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5709PHPR Datasheet HTML 6Page - Texas Instruments TAS5709PHPR Datasheet HTML 7Page - Texas Instruments TAS5709PHPR Datasheet HTML 8Page - Texas Instruments TAS5709PHPR Datasheet HTML 9Page - Texas Instruments TAS5709PHPR Datasheet HTML 10Page - Texas Instruments TAS5709PHPR Datasheet HTML 11Page - Texas Instruments TAS5709PHPR Datasheet HTML 12Page - Texas Instruments TAS5709PHPR Datasheet HTML 13Page - Texas Instruments TAS5709PHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
AC Characteristics (BTL)
SERIAL AUDIO PORTS SLAVE MODE
TAS5709
SLOS599 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
PVDD_X = 18 V, BTL AD mode, FS = 48 KHz, RL = 8 Ω, ROCP = 22 KΩ, CBST = 33 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise noted). All performance is in accordance with recommended operating
conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V,10% THD, 1-kHz input signal
20.6
PVDD = 18 V, 7% THD, 1-kHz input signal
19.5
PVDD = 12 V, 10% THD, 1-kHz input
9.4
signal
PO
Power output per channel
W
PVDD = 12 V, 7% THD, 1-kHz input signal
8.9
PVDD = 8 V, 10% THD, 1-kHz input signal
4.1
PVDD = 8 V, 7% THD, 1-kHz input signal
3.8
PVDD= 18 V; PO = 1 W
0.06%
THD+N
Total harmonic distortion + noise
PVDD= 12 V; PO = 1 W
0.13%
PVDD= 8 V; PO = 1 W
0.2%
Vn
Output integrated noise (rms)
A-weighted
56
µV
PO = 0.25 W, f = 1kHz (BD Mode)
–82
dB
Crosstalk
PO = 0.25 W, f = 1kHz (AD Mode)
-69
dB
A-weighted, f = 1 kHz, maximum power at
SNR
Signal-to-noise ratio (1)
106
dB
THD < 1%
(1)
SNR is calculated relative to 0-dBFS input level.
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSCLKIN
Frequency, SCLK 32 × fS, 48 × fS, 64 × fS
CL = 30 pF
1.024
12.288
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
8
48
48
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK
SCLK rising edges between LRCLK rising edges
32
64
edges
t(edge)
SCLK
LRCLK clock edge with respect to the falling edge of SCLK
–1/4
1/4
period
tr /
ns
Rise/fall time for SCLK/LRCLK
8
tf(SCLK/LRCLK)
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com