Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 2Page - Texas Instruments TLC5926IPWPR Datasheet HTML 3Page - Texas Instruments TLC5926IPWPR Datasheet HTML 4Page - Texas Instruments TLC5926IPWPR Datasheet HTML 5Page - Texas Instruments TLC5926IPWPR Datasheet HTML 6Page - Texas Instruments TLC5926IPWPR Datasheet HTML 7Page - Texas Instruments TLC5926IPWPR Datasheet HTML 8Page - Texas Instruments TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments TLC5926IPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Absolute Maximum Ratings
Power Dissipation and Thermal Impedance
Recommended Operating Conditions
TLC5926, TLC5927
SLVS677 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
0
7
V
VI
Input voltage
–0.4
VDD + 0.4
V
VO
Output voltage
–0.5
20
V
IOUT
Output current
120
mA
IGND
GND terminal current
1920
mA
TA
Free-air operating temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
Electrostatic-Discharge Capability V(HBMESD) (100 pF,
ESD
2
kV
1.5 k
Ω)
MIN
MAX
UNIT
DBQ package
1.6
Mounted on JEDEC 4-layer board (JESD 51-7),
DW package
2.2
No airflow, TA = 25°C, TJ = 125°C
PD
Power dissipation
W
PWP package
2.3
Mounted on JEDEC 4-layer board (JESD 51-5),
PWP package
2.9
No airflow, TA = 25°C, TJ = 125°C
DBQ package
99.8
Mounted on JEDEC 1-layer board (JESD 51-3),
DW package
80.5
No airflow
PWP package
63.9
Thermal impedance,
DBQ package
61.0
θ
JA
°C/W
Mounted on JEDEC 4-layer board (JESD 51-7),
junction to free air
DW package
45.5
No airflow
PWP package
42.7
Mounted on JEDEC 4-layer board (JESD 51-5),
PWP package
34.5
No airflow
θ
JP
Thermal impedance, junction to pad
PWP package
2.0
°C/W
over operating free-air temperature range (unless otherwise noted)
TEST CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
3
5.5
V
VO
Supply voltage to the output pins
OUT0–OUT15
17
V
VO ≥ 0.6 V
5
IO
Output current
DC test circuit
mA
VO ≥ 1 V
120
IOH
High-level output current
SDO
–1
mA
IOL
Low-level output current
SDO
1
mA
VIH
High-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0.7 × VDD
VDD
V
VIL
Low-level input voltage
CLK, OE(ED2), LE(ED1), and SDI
0
0.3 × VDD
V
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com