Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5926IPWPR Datasheet HTML 1Page - Texas Instruments TLC5926IPWPR Datasheet HTML 2Page - Texas Instruments TLC5926IPWPR Datasheet HTML 3Page - Texas Instruments TLC5926IPWPR Datasheet HTML 4Page - Texas Instruments TLC5926IPWPR Datasheet HTML 5Page - Texas Instruments TLC5926IPWPR Datasheet HTML 6Page - Texas Instruments TLC5926IPWPR Datasheet HTML 7Page - Texas Instruments TLC5926IPWPR Datasheet HTML 8Page - Texas Instruments TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TLC5926, TLC5927
www.ti.com ....................................................................................................................................................................................................... SLVS677 – JULY 2008
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
2
• 16 Constant-Current Output Channels
• 30-MHz Clock Frequency
• Output Current Adjusted By External Resistor
• Schmitt-Trigger Input
• Constant Output Current Range: 5 mA to
• 3.3-V or 5-V Supply Voltage
120 mA
• Thermal Shutdown for Overtemperature
• Constant Output Current Invariant to Load
Protection
Voltage Change
• ESD Performance: 2-kV HBM
• Open-Load, Shorted-Load and
Overtemperature Detection
• General LED Lighting Applications
• 256-Step Programmable Global Current Gain
• LED Display Systems
• Excellent Output-Current Accuracy:
• LED Signage
–
Between Channels: < ±6% (Max),
• Automotive LED Lighting
10 mA to 50 mA
• White Goods
–
Between ICs: < ±6% (Max), 10 mA to 50 mA
The TLC5926/TLC5927 is designed for LED displays and LED lighting applications with open-load, shorted-load,
and overtemperature detection, and constant-current control. The TLC5926/TLC5927 contains a 16-bit shift
register and data latches, which convert serial input data into parallel output format. At the TLC5926/TLC5927
output stage, 16 regulated-current ports provide uniform and constant current for driving LEDs within a wide
range of VF (Forward Voltage) variations. Used in systems designed for LED display applications (e.g., LED
panels), TLC5926/TLC5927 provides great flexibility and device performance. Users can adjust the output
current from 5 mA to 120 mA through an external resistor, Rext, which gives flexibility in controlling the light
intensity of LEDs. TLC5926/TLC5927 is designed for up to 17 V at the output port. The high clock frequency, 30
MHz, also satisfies the system requirements of high-volume data transmission.
The TLC5926/TLC5927 provides a Special Mode in which two functions are included, Error Detection and
Current Gain Control. In the TLC5926/TLC5927 there are two operation modes and three phases: Normal Mode
phase, Mode Switching transition phase, and Special mode phase. The signal on the multiple-function pin
OE(ED2) is monitored, and when an one-clock-wide short pulse appears on OE(ED2), TLC5926/TLC5927 enters
the Mode Switching phase. At this time, the voltage level on LE(ED1) determines the next mode into which the
TLC5926/TLC5927 switches.
In the Normal Mode phase, the serial data is transferred into TLC5926/TLC5927 via SDI, shifted in the shift
register, and transferred out via SDO. LE(ED1) can latch the serial data in the shift register to the output latch.
OE(ED2) enables the output drivers to sink current.
In the Special Mode phase, the low-voltage-level signal OE(ED2) can enable output channels and detect the
status of the output current, to tell if the driving current level is enough or not. The detected error status is loaded
into the 16-bit shift register and shifted out via SDO, along with the CLK signal. The system controller can read
the error status to determine whether or not the LEDs are properly lit. In the Special Mode phase,
TLC5926/TLC5927 also allows users to adjust the output current level by setting a runtime-programmable
Configuration Code. The code is sent into TLC5926/TLC5927 via SDI. The positive pulse of LE(ED1) latches the
code in the shift register into a built-in 8-bit configuration latch, instead of the output latch. The code affects the
voltage at R-EXT and controls the output-current regulator. The output current can be adjusted finely by a gain
ranging from 1/12 to 127/128 in 256 steps. Therefore, the current skew between ICs can be compensated within
less than 1%, and this feature is suitable for white balancing in LED color-display panels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5926IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926IPWPR TI-TLC5926IPWPR Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926IPWPR TI1-TLC5926IPWPR Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
TLC5926IPWPR TI2-TLC5926IPWPR Datasheet
1Mb / 39P
TLC592x 16-Channel Constant-Current LED Sink Drivers
REVISED OCTOBER 2015
TLC5926IPWPR.A TI2-TLC5926IPWPR.A Datasheet
1Mb / 39P
TLC592x 16-Channel Constant-Current LED Sink Drivers
REVISED OCTOBER 2015
TLC5926IPWPRG4 TI-TLC5926IPWPRG4 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5926IPWPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com