Electronic Components Datasheet Search
  English  ▼

X  

LM119H Datasheet(PDF) 1 Page - Linear Technology

Part # LM119H
Description  Dual Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119H Datasheet(HTML) 1 Page - Linear Technology

  LM119H Datasheet HTML 1Page - Linear Technology LM119H Datasheet HTML 2Page - Linear Technology LM119H Datasheet HTML 3Page - Linear Technology LM119H Datasheet HTML 4Page - Linear Technology LM119H Datasheet HTML 5Page - Linear Technology LM119H Datasheet HTML 6Page - Linear Technology LM119H Datasheet HTML 7Page - Linear Technology LM119H Datasheet HTML 8Page - Linear Technology LM119H Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT119A/LT319A
LM119/LM319
119a319afb
s
Guaranteed Maximum 0.5mV Input Offset Voltage
s
Input Protection Diodes
s
Operates From Single 5V Supply
s
25mA Drive Capability
s
80ns Response Time
The LT
®119A is an improved version of the LM119 dual
comparator. It features lower input offset voltage and
offset current, higher voltage gain, guaranteed common
mode rejection and input protection diodes.
The LT119A is capable of operation over a supply range
from 5V to
±15Vandcandrive25mAloadsfromeachopen
collector output. A separate ground pin allows the LT119A
to isolate system grounds.
Linear Technology Corporation’s advanced processing,
design techniques and reliability make the LT119A/LT319A
an ideal choice over previous devices in most comparator
applications.
Dual Comparator
s
Window Detectors
s
High Speed One Shot
s
Relay/Lamp Drivers
s
Voltage Controlled Oscillators
–
+
–
+
5V
500
Ω
TTL OUTPUT
LT119/319 TA1
1
10
3
4
8
9
5
7
6
2
1/2 LT319A
1/2 LT319A
VUT
VOUT = 5V FOR
VLT ≤ VIN ≤ VUT
VOUT = 0V FOR
VIN ≤ VLT OR VIN ≤ VUT
VIN
VLT
*ALLOWED WINDOW FOR SINGLE 5V SUPPLY IS 1.2V TO 3.8V
Window Detector*
TIME (ns)
0
50
0
1
2
4
50
150
200
LT119/319 TA2
100
5
6
3
0
100
250 300
350
20mV
2mV
5mV
VS = ±15V
RL = 500Ω
V++ = 5V
TA = 25°C
Response Time for Various Input Overdrives
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LM119H

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM119H LINER-LM119H Datasheet
240Kb / 8P
Dual Comparator
logo
National Semiconductor ...
LM119H NSC-LM119H Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119H TI1-LM119H Datasheet
1Mb / 21P
High Speed Dual Comparator
LM119H TI2-LM119H Datasheet
935Kb / 27P
LMx19 High Speed Dual Comparator
REVISED JANUARY 2016
logo
National Semiconductor ...
LM119H-QMLV NSC-LM119H-QMLV Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
More results

Similar Description - LM119H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
Dual Comparator
logo
fujitsu semiconductor
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
DUAL COMPARATOR
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
DUAL COMPARATOR
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
Dual Comparator
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com