Electronic Components Datasheet Search
  English  ▼

X  

LM119H Datasheet(PDF) 6 Page - Linear Technology

Part # LM119H
Description  Dual Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119H Datasheet(HTML) 6 Page - Linear Technology

Back Button LM119H Datasheet HTML 2Page - Linear Technology LM119H Datasheet HTML 3Page - Linear Technology LM119H Datasheet HTML 4Page - Linear Technology LM119H Datasheet HTML 5Page - Linear Technology LM119H Datasheet HTML 6Page - Linear Technology LM119H Datasheet HTML 7Page - Linear Technology LM119H Datasheet HTML 8Page - Linear Technology LM119H Datasheet HTML 9Page - Linear Technology LM119H Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT119A/LT319A
LM119/LM319
119a319afb
–
+
–
+
100pF
100pF
120pF
300pF
5V
680
Ω
680
Ω
10k
5V
2k
2k
1k
5V
INPUT
PULSE
0V TO 1V
INPUT
LM385-1.2
1/2 LT319A
1/2 LT319A
11
7
8
9
10
4
5
12
3
6
5V
7408
LT119/319 TA6
OUTPUT
0
µs TO 1µs
(20ns MINIMUM)
Voltage Controlled High Speed One Shot
11
5V
12
3
4
5
LT119/319 TA5
1/2 LT319A
OUTPUT
39k
1k
20k
20k
2k
–
+
–
+
1k
100k
10k
INPUT
0V TO 5V
AT CUT
18pF, 100kHz
1000pF
MV1405*
5V
3k
5V
6
8
7
9
10
1/2 LT319A
1/2 LT319A
Voltage Controlled Crystal Oscillator
With 100ppm Trim Range
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com