Electronic Components Datasheet Search
  English  ▼

X  

LM399 Datasheet(PDF) 2 Page - Linear Technology

Part # LM399
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM399 Datasheet(HTML) 2 Page - Linear Technology

  LM399 Datasheet HTML 1Page - Linear Technology LM399 Datasheet HTML 2Page - Linear Technology LM399 Datasheet HTML 3Page - Linear Technology LM399 Datasheet HTML 4Page - Linear Technology LM399 Datasheet HTML 5Page - Linear Technology LM399 Datasheet HTML 6Page - Linear Technology LM399 Datasheet HTML 7Page - Linear Technology LM399 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM199/LM399
LM199A/LM399A
2
LM199399fb
Temperature Stabilizer ..............................................40V
Reverse Breakdown Current...................................20mA
Forward Current.......................................................1mA
Reference to Substrate Voltage, VRS (Note 2)........–0.1V
Operating Temperature Range
LM199/LM199A (OBSOLETE)............ –55°C to 125°C
LM399/LM399A....................................... 0°C to 70°C
Storage Temperature Range
LM199/LM199A (OBSOLETE)............ –65°C to 150°C
LM399/LM399A................................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
LM199/LM199A
LM399/LM399A
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VZ
Reverse Breakdown Voltage
0.5mA ≤ IR ≤ 10mA
●
6.8
6.95
7.1
6.75
6.95
7.3
V
ΔVZ
Reverse Breakdown Voltage Change
with Current
0.5mA ≤ IR ≤ 10mA
●
69
6
12
mV
rZ
Reverse Dynamic Impedance
IR = 1mA (Note 6) (10Hz ≤ f ≤ 100Hz) ●
0.5
1
0.5
1.5
Ω
ΔVZ
ΔTemp
Temperature Coefficient
LM199/LM399
–55°C ≤ TA ≤ 85°C
85°C ≤ TA ≤ 125°C
0°C ≤ TA ≤ 70°C
0.3
5
1
15
0.3
2
ppm/°C
ppm/°C
ppm/°C
LM199A/LM399A
–55°C ≤ TA ≤ 85°C
85°C ≤ TA ≤ 125°C
0°C ≤ TA ≤ 70°C
0.2
5
0.5
10
0.3
1
ppm/°C
ppm/°C
ppm/°C
en
RMS Noise
10Hz ≤ f ≤ 10kHz
●
7
20
7
50
µV
ΔVZ
ΔTime
Long-Term Stability
Stabilized, 22°C ≤ TA ≤ 28°C,
1000 Hours, IR = 1mA ±0.1%
8
(Note 4)
8
(Note 4) ppm/√kH
IH
Temperature Stabilizer Supply Current TA = 25°C, Still Air, VH = 30V
TA = –55°C (Note 5)
8.5
22
14
28
8.5
15
mA
VH
Temperature Stabilizer Supply Voltage
●
9
40
9
40
V
Warm-Up Time to ±0.05% VZ
VH = 30V
3
3
Seconds
Initial Turn-On Current
9V ≤ VH ≤ 40V (Note 5)
140
200
140
200
mA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
+ 1
H PACKAGE
4-LEAD TO-46 METAL CAN
INSIDE THERMAL SHIELD
–
4
2
–
3
+
H
ORDER PART NUMBER
LM399H
LM399AH
LM199H
LM199AH
LM199AH-20
LM399AH-20
LM399AH-50
OBSOLETE
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com