Electronic Components Datasheet Search
  English  ▼

X  

LM399 Datasheet(PDF) 5 Page - Linear Technology

Part # LM399
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM399 Datasheet(HTML) 5 Page - Linear Technology

  LM399 Datasheet HTML 1Page - Linear Technology LM399 Datasheet HTML 2Page - Linear Technology LM399 Datasheet HTML 3Page - Linear Technology LM399 Datasheet HTML 4Page - Linear Technology LM399 Datasheet HTML 5Page - Linear Technology LM399 Datasheet HTML 6Page - Linear Technology LM399 Datasheet HTML 7Page - Linear Technology LM399 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM199/LM399
LM199A/LM399A
5
LM199399fb
FU CTIO AL BLOCK DIAGRA
2
4
1
3
H
+
–
+
–
LT199 FD
TYPICAL APPLICATIO S
Single Supply Operation
Split Supply Operation
Negative Heater Supply with
Positive Reference
RS
+
–
6.95V
LM199 TA02
9V TO 40V
LM399
7.5k
+
–
6.95V
LM199 TA03
15V
–15V
LM399
7.5k
+
–
6.95V
LM199 TA04
15V
–9V TO –33V
LM399
Standard Cell Replacement
7.5k
2M
OUTPUT
1
µF
1
µF
2k
2
3
7
4
6
20k
22k
12k
0.1%
OUTPUT
ADJUST
2k
0.1%
3
+
–
1
42
6.95V
15V TO 20V
1% REGULATED
LM199A
LM199 TA05
LT1001AC
100k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com