Electronic Components Datasheet Search
  English  ▼

X  

LT1013 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1013
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1013 Datasheet HTML 15Page - Linear Technology LT1013 Datasheet HTML 16Page - Linear Technology LT1013 Datasheet HTML 17Page - Linear Technology LT1013 Datasheet HTML 18Page - Linear Technology LT1013 Datasheet HTML 19Page - Linear Technology LT1013 Datasheet HTML 20Page - Linear Technology LT1013 Datasheet HTML 21Page - Linear Technology LT1013 Datasheet HTML 22Page - Linear Technology LT1013 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1013/LT1014
10134fc
–
+
1/2 LT1013
1
8
4
3
2
+
–
1/2 LT1013
7
6
5
+5V
1M*
5M*
20k
4.22M*
4.22M*
100k
+5V
1M*
RT1
3.2k
1M*
RT2
6.25k
RT
YSI 44201
2.16k*
3.4k*
4.3k
TEMPERATURE
COMPENSATION
GENERATOR
LT1009
2.5V
+5V
680
Ω
100
Ω
100k
560k
MV-209
3.5MHz
XTAL
OSCILLATOR SUPPLY
STABILIZATION
OSCILLATOR
510pF
510pF
3.5MHz OUTPUT
0.03ppm/
°C, 0°C–70°C
2N2222
1% FILM
3.5MHz XTAL = AT CUT – 35
°20'
MOUNT RT NEAR XTAL
3mA POWER DRAIN
THERMISTOR-AMPLIFIER-VARACTOR NETWORK GENERATES
A TEMPERATURE COEFFICIENT OPPOSITE THE CRYSTAL TO
MINIMIZE OVERALL OSCILLATOR DRIFT
*
†
1013/14 TA22
Low Power, 5V Driven, Temperature Compensated Crystal Oscillator (TXCO)
†
LT1013
6
5
7
LT1013
2
8
4
3
1
1M
1.4M
82k
0.005
2N5114
2N4391
LT1004
1.2V
100k
+6V
+16V
–16V
0.005
10
+15VOUT
–15VOUT
200k
VOUT
ADJ
15pF
15pF
1
μF
10
+
+16V
–16V
L1
1MHY
2N3904
2N3906
10k
10k
10k
22k
22k
10k
+V
Q1
CLK 2
D1
Q1
Q2
D2
CLK 1
Q2
74C74
100kHz INPUT
L1 = 24-104 AIE VERNITRON
±5mA OUTPUT
75% EFFICIENCY
+6V
74C00
+6V
= 1N4148
1013/14 TA21
6V to
±15V Regulating Converter
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com