Electronic Components Datasheet Search
  English  ▼

X  

LT1013 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1013
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013 Datasheet(HTML) 5 Page - Linear Technology

  LT1013 Datasheet HTML 1Page - Linear Technology LT1013 Datasheet HTML 2Page - Linear Technology LT1013 Datasheet HTML 3Page - Linear Technology LT1013 Datasheet HTML 4Page - Linear Technology LT1013 Datasheet HTML 5Page - Linear Technology LT1013 Datasheet HTML 6Page - Linear Technology LT1013 Datasheet HTML 7Page - Linear Technology LT1013 Datasheet HTML 8Page - Linear Technology LT1013 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1013/LT1014
10134fc
The
● denotes the specifications which apply over the temperature range
–40
°C ≤ TA ≤ 85°C for LT1013I, LT1014I, 0°C ≤ TA ≤ 70°C for LT1013C, LT1013D, LT1014C, LT1014D. VS = ±15V, VCM = 0V unless
otherwise noted.
LT1013C/D/I
LT1013AC
LT1014AC
LT1014C/D/I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
VOS
Input Offset Voltage
●
—
55
240
—
65
270
—
80
400
μV
LT1013D/I, LT1014D/I
●
—
—
—
—
—
—
—
230
1000
μV
VS = +5V, 0V; VO = 1.4V
●
—
75
350
—
85
380
—
110
570
μV
LT1013D/I, LT1014D/I
VS = +5V, 0V; VO = 1.4V
●
—
—
—
—
—
—
—
280
1200
μV
Average Input Offset
(Note 3)
●
—
0.3
2.0
—
0.3
2.0
—
0.4
2.5
μV/°C
Voltage Drift
LT1013D/I, LT1014D/I
●
———
———
—
0.7
5.0
μV/°C
IOS
Input Offset Current
●
—
0.2
1.5
—
0.2
1.7
—
0.3
2.8
nA
VS = +5V, 0V; VO = 1.4V
●
—
0.4
3.5
—
0.4
4.0
—
0.5
6.0
nA
IB
Input Bias Current
●
—
13
25
—
13
25
—
16
38
nA
VS = +5V, 0V; VO = 1.4V
●
—
18
55
—
20
60
—
24
90
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
● 1.0
5.0
—
1.0
5.0
—
0.7
4.0
—
V/
μV
CMRR
Common Mode Rejection
VCM = +13.0V, – 15.0V
●
98
116
—
98
116
—
94
113
—
dB
Ratio
PSRR
Power Supply Rejection
VS = ±2V to ±18V
● 101
119
—
101
119
—
97
116
—
dB
Ratio
VOUT
Output Voltage Swing
RL = 2k
● ±12.5 ±13.9
—
±12.5 ±13.9 — ±12.0 ±13.9 —
V
VS = +5V, 0V; RL = 600Ω
Output Low
●
—
613
—
613
—
613
mV
Output High
● 3.3
3.9
—
3.3
3.9
—
3.2
3.9
—
V
IS
Supply Current per Amplifier
●
—
0.36
0.55
—
0.36
0.55
—
0.37
0.60
mA
VS = +5V, 0V; VO = 1.4V
●
—
0.32
0.50
—
0.32
0.50
—
0.34
0.55
mA
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Rating condition for extended periods may affect device reliability
and lifetime.
Note 2: This parameter is guaranteed by design and is not tested. Typical
parameters are defined as the 60% yield of parameter distributions of
individual amplifiers; i.e., out of 100 LT1014s (or 100 LT1013s) typically
240 op amps (or 120 ) will be better than the indicated specification.
Note 3: This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com