Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJ Datasheet(PDF) 3 Page - Linear Technology

Part # LT1014AMJ
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014AMJ Datasheet(HTML) 3 Page - Linear Technology

  LT1014AMJ Datasheet HTML 1Page - Linear Technology LT1014AMJ Datasheet HTML 2Page - Linear Technology LT1014AMJ Datasheet HTML 3Page - Linear Technology LT1014AMJ Datasheet HTML 4Page - Linear Technology LT1014AMJ Datasheet HTML 5Page - Linear Technology LT1014AMJ Datasheet HTML 6Page - Linear Technology LT1014AMJ Datasheet HTML 7Page - Linear Technology LT1014AMJ Datasheet HTML 8Page - Linear Technology LT1014AMJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1013/LT1014
10134fc
LT1013AM/AC
LT1013C/D/I/M
LT1014AM/AC
LT1014C/D/I/M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1013
—
40
150
—
60
300
μV
LT1014
—
50
180
—
60
300
μV
LT1013D/I, LT1014D/I
—
—
—
—
200
800
μV
Long Term Input Offset Voltage
—
0.4
—
—
0.5
—
μV/Mo.
Stability
ISO
Input Offset Current
—
0.15
0.8
—
0.2
1.5
nA
IB
Input Bias Current
—
12
20
—
15
30
nA
en
Input Noise Voltage
0.1Hz to 10Hz
—
0.55
—
—
0.55
—
μVp-p
en
Input Noise Voltage Density
fO = 10Hz
—
24
—
—
24
—
nV/
√Hz
fO = 1000Hz
—
22
—
—
22
—
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
—
0.07
—
—
0.07
—
pA/
√Hz
Input Resistance – Differential
(Note 2)
100
400
—
70
300
—
M
Ω
Common Mode
—
5
—
—
4
—
G
Ω
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
1.5
8.0
—
1.2
7.0
—
V/
μV
VO = ±10V, RL = 600Ω
0.8
2.5
—
0.5
2.0
—
V/
μV
Input Voltage Range
+13.5
+13.8
—
+13.5
+13.8
—
V
– 15.0
– 15.3
—
– 15.0
– 15.3
—
V
CMRR
Common Mode Rejection Ratio
VCM = + 13.5V, – 15.0V
100
117
—
97
114
—
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
103
120
—
100
117
—
dB
Channel Separation
VO = ±10V, RL = 2k
123
140
—
120
137
—
dB
VOUT
Output Voltage Swing
RL = 2k
±13
±14
—
±12.5
±14
—
V
Slew Rate
0.2
0.4
—
0.2
0.4
—
V/
μs
IS
Supply Current
Per Amplifier
—
0.35
0.50
—
0.35
0.55
mA
TA = 25°C. VS = ±15V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LT1013AM/AC
LT1013C/D/I/M
LT1014AM/AC
LT1014C/D/I/M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1013
—
60
250
—
90
450
μV
LT1014
—
70
280
—
90
450
μV
LT1013D/I, LT1014D/I
—
—
—
—
250
950
μV
IOS
Input Offset Current
—
0.2
1.3
—
0.3
2.0
nA
IB
Input Bias Current
—
15
35
—
18
50
nA
AVOL
Large Signal Voltage Gain
VO = 5mV to 4V, RL = 500Ω
—
1.0
—
—
1.0
—
V/
μV
Input Voltage Range
+ 3.5
+ 3.8
—
+3.5
+ 3.8
—
V
0
– 0.3
—
0
– 0.3
—
V
VOUT
Output Voltage Swing
Output Low, No Load
—
15
25
—
15
25
mV
Output Low, 600
Ω to Ground
—
5
10
—
5
10
mV
Output Low, ISINK = 1mA
—
220
350
—
220
350
mV
Output High, No Load
4.0
4.4
—
4.0
4.4
—
V
Output High, 600
Ω to Ground
3.4
4.0
—
3.4
4.0
—
V
IS
Supply Current
Per Amplifier
—
0.31
0.45
—
0.32
0.50
mA
TA = 25°C. VS+ = + 5V, V S– = 0V, VOUT = 1.4V, VCM = 0V unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com