Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMJ Datasheet(PDF) 4 Page - Linear Technology

Part # LT1014AMJ
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014AMJ Datasheet(HTML) 4 Page - Linear Technology

  LT1014AMJ Datasheet HTML 1Page - Linear Technology LT1014AMJ Datasheet HTML 2Page - Linear Technology LT1014AMJ Datasheet HTML 3Page - Linear Technology LT1014AMJ Datasheet HTML 4Page - Linear Technology LT1014AMJ Datasheet HTML 5Page - Linear Technology LT1014AMJ Datasheet HTML 6Page - Linear Technology LT1014AMJ Datasheet HTML 7Page - Linear Technology LT1014AMJ Datasheet HTML 8Page - Linear Technology LT1014AMJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LT1013/LT1014
10134fc
The
● denotes the specifications which apply over the temperature range
– 55
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V unless otherwise noted.
LT1013AM
LT1014AM
LT1013M/LT1014M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
VOS
Input Offset Voltage
●
—
80
300
—
90
350
—
110
550
μV
VS = + 5V, 0V; VO = + 1.4V
–55
°C ≤ TA ≤ 100°C
●
—
80
450
—
90
480
—
100
750
μV
VCM = 0.1V, TA = 125°C
—
120
450
—
150
480
—
200
750
μV
VCM = 0V, TA = 125°C
—
250
900
—
300
960
—
400
1500
μV
Input Offset Voltage Drift
(Note 3)
●
—
0.4
2.0
—
0.4
2.0
—
0.5
2.5
μV/°C
IOS
Input Offset Current
●
—
0.3
2.5
—
0.3
2.8
—
0.4
5.0
nA
VS = + 5V, 0V; VO = +1.4V
●
—
0.6
6.0
—
0.7
7.0
—
0.9
10.0
nA
IB
Input Bias Current
●
—
15
30
—
15
30
—
18
45
nA
VS = + 5V, 0V; VO = +1.4V
●
—
20
80
—
25
90
—
28
120
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
● 0.5
2.0
—
0.4
2.0
—
0.25
2.0
—
V/
μV
CMRR
Common Mode Rejection
VCM = +13.0V, – 14.9V
●
97
114
—
96
114
—
94
113
—
dB
PSRR
Power Supply Rejection
VS = ±2V to ±18V
● 100
117
—
100
117
—
97
116
—
dB
Ratio
VOUT
Output Voltage Swing
RL = 2k
● ±12 ±13.8
—
±12 ±13.8 — ±11.5 ±13.8 —
V
VS = +5V, 0V
RL = 600Ω to Ground
Output Low
●
—
6
15
—
615
—
618
mV
Output High
●
3.2
3.8
—
3.2
3.8
—
3.1
3.8
—
V
IS
Supply Current
●
—
0.38
0.60
—
0.38
0.60
—
0.38
0.7
mA
Per Amplifier
VS = +5V, 0V; VO = +1.4V
●
—
0.34
0.55
—
0.34
0.55
—
0.34
0.65
mA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com