Electronic Components Datasheet Search
  English  ▼

X  

TAS5352ADDVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352ADDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352ADDVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5352ADDVR Datasheet HTML 3Page - Texas Instruments TAS5352ADDVR Datasheet HTML 4Page - Texas Instruments TAS5352ADDVR Datasheet HTML 5Page - Texas Instruments TAS5352ADDVR Datasheet HTML 6Page - Texas Instruments TAS5352ADDVR Datasheet HTML 7Page - Texas Instruments TAS5352ADDVR Datasheet HTML 8Page - Texas Instruments TAS5352ADDVR Datasheet HTML 9Page - Texas Instruments TAS5352ADDVR Datasheet HTML 10Page - Texas Instruments TAS5352ADDVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FUNCTIONAL BLOCK DIAGRAM
Temp.
Sense
M1
M2
RESET_AB
SD
OTW
AGND
OC_ADJ
VREG
VREG
VDD
M3
Power
On
Reset
Under-
voltage
Protection
GND
PWM_D
OUT_D
GND_D
PVDD_D
BST_D
Timing
Gate
Drive
PWM
Rcv.
Overload
Protection
Isense
GVDD_D
RESET_CD
4
Protection
and
I/OLogic
PWM_C
OUT_C
GND_C
PVDD_C
BST_C
Timing
Gate
Drive
Ctrl.
PWM
Rcv.
GVDD_C
PWM_B
OUT_B
GND_B
PVDD_B
BST_B
Timing
Gate
Drive
Ctrl.
PWM
Rcv.
GVDD_B
PWM_A
OUT_A
GND_A
PVDD_A
BST_A
Timing
Gate
Drive
Ctrl.
PWM
Rcv.
GVDD_A
Ctrl.
BTL/PBTL−Configuration
Pulldown Resistor
BTL/PBTL−Configuration
PulldownResistor
BTL/PBTL−Configuration
PulldownResistor
BTL/PBTL−Configuration
PulldownResistor
InternalPullup
ResistorstoVREG
B0034-03
4
TAS5352A
www.ti.com ........................................................................................................................................................................................... SLES239 – NOVEMBER 2008
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5352A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com