Electronic Components Datasheet Search
  English  ▼

X  

TAS5352ADDVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352ADDVR
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352ADDVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5352ADDVR Datasheet HTML 17Page - Texas Instruments TAS5352ADDVR Datasheet HTML 18Page - Texas Instruments TAS5352ADDVR Datasheet HTML 19Page - Texas Instruments TAS5352ADDVR Datasheet HTML 20Page - Texas Instruments TAS5352ADDVR Datasheet HTML 21Page - Texas Instruments TAS5352ADDVR Datasheet HTML 22Page - Texas Instruments TAS5352ADDVR Datasheet HTML 23Page - Texas Instruments TAS5352ADDVR Datasheet HTML 24Page - Texas Instruments TAS5352ADDVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Overcurrent (OC) Protection With Current
Pin-To-Pin Short Circuit Protection (PPSC)
TAS5352A
www.ti.com ........................................................................................................................................................................................... SLES239 – NOVEMBER 2008
voltage on the bootstrap capacitors is less than
In general, it is recommended to follow closely the
required
for
proper
control
of
the
High-Side
external component selection and PCB layout as
MOSFETs, the device will initiate bootstrap capacitor
given in the Application section.
recharge sequences until the bootstrap capacitors are
For
added
flexibility,
the
OC
threshold
is
properly charged for robust operation. This function
programmable within a limited range using a single
may be activated with PWM pulses less than 30 nS.
external resistor connected between the OC_ADJ pin
Therefore, TI strongly recommends using a TI PWM
and AGND. (See the Electrical Characteristics section
processor, such as TAS5518, TAS5086 or TAS5508,
of this data sheet for information on the correlation
with the modulation index set at 97.7% to interface
between programming-resistor value and the OC
with TAS5352A.
threshold.) It should be noted that a properly
functioning
overcurrent
detector
assumes
the
presence of a properly designed demodulation filter at
Limiting and Overload Detection
the power-stage output. It is required to follow certain
guidelines when selecting the OC threshold and an
The device has independent, fast-reacting current
appropriate demodulation inductor:
detectors with programmable trip threshold (OC
OC-Adjust Resistor Values
Max. Current Before OC Occurs
threshold) on all high-side and low-side power-stage
(k
Ω)
(A), TC = 75°C
FETs. See the following table for OC-adjust resistor
22
10.9
values. The detector outputs are closely monitored by
two protection systems. The first protection system
33
9.1
controls the power stage in order to prevent the
47
7.1
output current from further increasing, i.e., it performs
a current-limiting function rather than prematurely
The reported max peak current in the table above is
shutting down during combinations of high-level
measured with continuous current in 1
Ω, one
music
transients
and
extreme
speaker
load
channel active and the other one muted.
impedance
drops.
If
the
high-current
situation
persists, i.e., the power stage is being overloaded, a
second
protection
system
triggers
a
latching
The PPSC detection system protects the device from
shutdown, resulting in the power stage being set in
permanent damage in the case that a power output
the high-impedance (Hi-Z) state. Current limiting and
pin (OUT_X) is shorted to GND_X or PVDD_X. For
overload protection are independent for half-bridges
comparison the OC protection system detects an over
A and B and, respectively, C and D. That is, if the
current after the demodulation filter where PPSC
bridge-tied load between half-bridges A and B causes
detects shorts directly at the pin before the filter.
an overload fault, only half-bridges A and B are shut
PPSC detection is performed at startup i.e. when
down.
VDD is supplied, consequently a short to either
• For the lowest-cost bill of materials in terms of
GND_X or PVDD_X after system startup will not
component selection, the OC threshold measure
activate the PPSC detection system. When PPSC
should be limited, considering the power output
detection is activated by a short on the output, all half
requirement
and
minimum
load
impedance.
bridges are kept in a Hi-Z state until the short is
Higher-impedance loads require a lower OC
removed, the device then continues the startup
threshold.
sequence and starts switching. The detection is
• The demodulation-filter inductor must retain at
controlled globally by a two step sequence. The first
least 5
µH of inductance at twice the OC threshold
step ensures that there are no shorts from OUT_X to
setting.
GND_X, the second step tests that there are no
shorts from OUT_X to PVDD_X. The total duration of
Unfortunately,
most
inductors
have
decreasing
this process is roughly proportional to the capacitance
inductance
with
increasing
temperature
and
of the output LC filter. The typical duration is < 15
increasing current (saturation). To some degree, an
ms/
µF. While the PPSC detection is in progress, SD
increase
in
temperature
naturally
occurs
when
is kept low, and the device will not react to changes
operating at high output currents, due to core losses
applied to the RESET pins. If no shorts are present
and the dc resistance of the inductor's copper
the PPSC detection passes, and SD is released. A
winding. A thorough analysis of inductor saturation
device reset will not start a new PPSC detection.
and thermal properties is strongly recommended.
PPSC detection is enabled in BTL and PBTL output
Setting the OC threshold too low might cause issues
configurations, the detection is not performed in SE
such
as
lack
of
enough
output
power
and/or
mode. To make sure not to trip the PPSC detection
unexpected shutdowns due to too-sensitive overload
system it is recommended not to insert resistive load
detection.
to GND_X or PVDD_X.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5352A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com