Electronic Components Datasheet Search
  English  ▼

X  

LT1160CS Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1160CS Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1160CS Datasheet HTML 7Page - Linear Integrated Systems LT1160CS Datasheet HTML 8Page - Linear Integrated Systems LT1160CS Datasheet HTML 9Page - Linear Integrated Systems LT1160CS Datasheet HTML 10Page - Linear Integrated Systems LT1160CS Datasheet HTML 11Page - Linear Integrated Systems LT1160CS Datasheet HTML 12Page - Linear Integrated Systems LT1160CS Datasheet HTML 13Page - Linear Integrated Systems LT1160CS Datasheet HTML 14Page - Linear Integrated Systems LT1160CS Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1160/LT1162
11602fb
APPLICATIONS INFORMATION
+
IN TOP
IN BOTTOM
BOOST
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
LT1160
HV
VOUT
RGS
RSENSE
1160 F02
12V
REF PWM
OUT A
OUT A
SV+
PV+
Figure 2. Adding Synchronous Switching to a Step-Down Switching Regulator
Motor Drive Applications
In applications where rotation is always in the same
direction, a single LT1160 controlling a half-bridge can be
used to drive a DC motor. One end of the motor may be
connected either to supply or to ground as seen on Figure
3. A motor in this configuration is controlled by its inputs
which give three alternatives: run, free running stop (coast-
ing) and fast stop (“plugging” braking, with the motor
shorted by one of the MOSFETs).
To drive a DC motor in both directions the LT1162 can be
used to drive an H-bridge output stage. In this configura-
tion the motor can be made to run clockwise, counter-
clockwise, stop rapidly (“plugging” braking) or free run
(coast) to a stop. A very rapid stop may be achieved by
reversing the current, though this requires more careful
design to stop the motor dead. In practice a closed-loop
control system with tachometric feedback is usually
necessary.
The motor speed in these examples can be controlled by
switching the drivers with pulse width modulated square
waves. This approach is particularly suitable for micro-
computers/DSP control loops.
Figure 3. Driving a Supply Referenced Motor
SV+
PV+
BOOST
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
PGND
LT1160
12V
1160 F03
HV
IN TOP
IN BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com