Electronic Components Datasheet Search
  English  ▼

X  

LT1160CS Datasheet(PDF) 12 Page - Linear Integrated Systems

Part # LT1160CS
Description  Half-/Full-Bridge N-Channel Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1160CS Datasheet(HTML) 12 Page - Linear Integrated Systems

Back Button LT1160CS Datasheet HTML 8Page - Linear Integrated Systems LT1160CS Datasheet HTML 9Page - Linear Integrated Systems LT1160CS Datasheet HTML 10Page - Linear Integrated Systems LT1160CS Datasheet HTML 11Page - Linear Integrated Systems LT1160CS Datasheet HTML 12Page - Linear Integrated Systems LT1160CS Datasheet HTML 13Page - Linear Integrated Systems LT1160CS Datasheet HTML 14Page - Linear Integrated Systems LT1160CS Datasheet HTML 15Page - Linear Integrated Systems LT1160CS Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1160/LT1162
11602fb
Figure 5. 90% Efficiency, 40V to 5V 10A Low Dropout Current Mode Switching Regulator
TYPICAL APPLICATIONS
6800pF
100pF
10k
18k
18k
10k
2k
1k
1k
5k
25k
500k
5V
5400
µF
LOW ESR
1160/62 F05
0.1
µF
10
µF
2.2
µF
1
µF
0.1
µF
330k
12V
1N4148
1N4148
1N4148
4700pF
IRFZ44
IRFZ44
MBR360
* HURRICANE LAB
HL-KM147U
IRFZ44
60V
MAX
2200
µF EA
LOW ESR
RS**
0.007
Ω
L*
47
µH
f = 40kHz
14
13
12
11
10
9
8
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
PV+
B GATE DR
B GATE FB
LT1160
SV+
IN TOP
IN BOTTOM
UV OUT
SGND
PGND
NC
2N2222
LT1846
** DALE TYPE LVR-3
ULTRONIX RCS01
+
+
+
+
2.2nF
27k
0.1
µF
1k
1k
5k
2k
5V
5400
µF
LOW ESR
1160/62 F04
0.1
µF
10
µF
1
µF
1
µF
0.1
µF
0.022
µF
C1
0.1
µF
360
Ω
510
Ω
4.7k
0.33
µF
330k
12V
1N4148
1N4148
1N4148
IRFZ44
IRFZ44
MBR360
* MAGNETICS CORE #55585-A2
30 TURNS 14GA MAGNET WIRE
IRFZ44
60V MAX
2200
µF EA
LOW ESR
RS**
0.007
Ω
L*
70
µH
4.7k
f = 25kHz
14
13
12
11
10
9
8
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
BOOST
T GATE DR
T GATE FB
T SOURCE
PV+
B GATE DR
B GATE FB
LT1160
SV+
IN TOP
IN BOTTOM
UV OUT
SGND
PGND
NC
SHUTDOWN
2N2222
LT3526
** DALE TYPE LVR-3
ULTRONIX RCS01
+
+
+
Figure 4. 90% Efficiency, 40V to 5V 10A Low Dropout Voltage Mode Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com