Electronic Components Datasheet Search
  English  ▼

X  

LT1179SW Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1179SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1179SW Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1179SW Datasheet HTML 4Page - Linear Integrated Systems LT1179SW Datasheet HTML 5Page - Linear Integrated Systems LT1179SW Datasheet HTML 6Page - Linear Integrated Systems LT1179SW Datasheet HTML 7Page - Linear Integrated Systems LT1179SW Datasheet HTML 8Page - Linear Integrated Systems LT1179SW Datasheet HTML 9Page - Linear Integrated Systems LT1179SW Datasheet HTML 10Page - Linear Integrated Systems LT1179SW Datasheet HTML 11Page - Linear Integrated Systems LT1179SW Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1178/LT1179
8
11789fb
TYPICAL PERFOR A CE CHARACTERISTICS
Capacitive Load Handling
Large-Signal Transient Response
VS = 5V, 0V
Large-Signal Transient Response
VS = ±15V
Small-Signal Transient Response
VS = ±2.5V
Small-Signal Transient Response
VS = ±15V
Small-Signal Transient Response
VS = 5V, 0V
500µs/DIV
AV = 1
CL = 12pF
100µs/DIV
AV = 1
CL = 12pF
INPUT PULSE = 0V TO 3.8V
AV = 1
CL = 12pF
AV = 1
CL = 12pF
20µs/DIV
AV = 1
CL = 12pF
INPUT 50 TO 150mV
20µs/DIV
20µs/DIV
Common Mode Rejection Ratio vs
Frequency
Closed Loop Output Impedance
Power Supply Rejection Ratio vs
Frequency
FREQUENCY (Hz)
0.1
0
20
40
60
80
120
1
10
100
1k
LT1188/LT1189 • TPC20
10k
100k
100
VS = ±2.5V + 1Vp-p SINE WAVE
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
FREQUENCY (Hz)
10
1
10
100
1k
100
1k
LT1178/1179 • TPC21
10k
10k
100k
VS = 5V, 0V
IL = 0
TA = 25°C
ACL = 1
ACL = 10
ACL = 100
FREQUENCY (Hz)
1
0
20
40
60
80
100
120
10
100
1k
10k
LT1178/LT1179 • TPC19
100k
VS = 5V, 0V
VS = ±15V
TA = 25°C
CAPACITIVE LOAD (pF)
0
10
100
1000
10,000
40
80
20
60
100
120
VS = 5V, 0V
AV = 1
AV = 5
AV = 10
LT1178/LT1179 • TPC13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com