Electronic Components Datasheet Search
  English  ▼

X  

LT1179SW Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1179SW
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1179SW Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1179SW Datasheet HTML 1Page - Linear Integrated Systems LT1179SW Datasheet HTML 2Page - Linear Integrated Systems LT1179SW Datasheet HTML 3Page - Linear Integrated Systems LT1179SW Datasheet HTML 4Page - Linear Integrated Systems LT1179SW Datasheet HTML 5Page - Linear Integrated Systems LT1179SW Datasheet HTML 6Page - Linear Integrated Systems LT1179SW Datasheet HTML 7Page - Linear Integrated Systems LT1179SW Datasheet HTML 8Page - Linear Integrated Systems LT1179SW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1178/LT1179
3
11789fb
VS = 5V, 0V; VCM = 0.1V, VO = 1.4V, TA = 25°C, unless noted.
ELECTRICAL CHARACTERISTICS
LT1178AC/LT1179AC
LT1178I/C/S/LT1179I/C/S
SYMBOL
PARAMETER
CONDITIONS (NOTE 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IB
Input Bias Current
3
5
3
6
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 3)
0.9
2.0
0.9
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 3)
50
75
50
nV/√Hz
fO = 1000Hz (Note 3)
49
65
49
nV/√Hz
in
Input Noise Current
0.1Hz to 10Hz (Note 3)
1.5
2.5
1.5
pAp-p
Input Noise Current Density
fO = 10Hz (Note 3)
0.03
0.07
0.03
pA/√Hz
fO = 1000Hz
0.01
0.01
pA/√Hz
Input Resistance
(Note 4)
Differential Mode
0.8
2.0
0.6
2.0
GΩ
Common Mode
12
12
GΩ
Input Voltage Range
3.5
3.9
3.5
3.9
V
0–0.3
0
–0.3
V
CMRR
Common Mode Rejection Ratio VCM = 0V to 3.5V
93
103
90
102
dB
PSRR
Power Supply Rejection Ratio
VS = 2.2V to 12V
94
104
92
104
dB
AVOL
Large Signal Voltage Gain
VO = 0.03V to 4V, No Load
140
700
110
700
V/mV
(Note 4)
VO = 0.03V to 3.5V, RL = 50k
80
200
70
200
V/mV
Maximum Output Voltage
Output Low, No Load
6.5
9
6.5
9
mV
Swing
Output Low, 2k to GND
0.2
0.6
0.2
0.6
mV
Output Low, ISINK = 100µA
120
160
120
160
mV
Output High, No Load
4.2
4.4
4.2
4.4
V
Output High 2k to GND
3.5
3.8
3.5
3.8
V
SR
Slew Rate
AV = 1, CL = 10pF (Note 4)
0.013
0.025
0.013
0.025
V/µs
GBW
Gain Bandwidth Product
fO ≤ 5kHz
60
60
kHz
IS
Supply Current
13
18
14
21
µA
per Amplifier
VS = ±1.5V, VO = 0V
12
17
13
20
µA
Channel Separation
∆VIN = 3V, RL = 10k
130
130
dB
Minimum Supply Voltage
(Note 5)
2.0
2.2
2.0
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com