Electronic Components Datasheet Search
  English  ▼

X  

LT1079IN Datasheet(PDF) 17 Page - Linear Technology

Part # LT1079IN
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079IN Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1079IN Datasheet HTML 12Page - Linear Technology LT1079IN Datasheet HTML 13Page - Linear Technology LT1079IN Datasheet HTML 14Page - Linear Technology LT1079IN Datasheet HTML 15Page - Linear Technology LT1079IN Datasheet HTML 16Page - Linear Technology LT1079IN Datasheet HTML 17Page - Linear Technology LT1079IN Datasheet HTML 18Page - Linear Technology LT1079IN Datasheet HTML 19Page - Linear Technology LT1079IN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1078/LT1079
10789fe
TYPICAL APPLICATIONS
Platinum RTD Signal Conditioner with Curvature Correction
–
+
3
2
1
8
4
1/2 LT1078
LT1004-1.2
6
5
7
1/2 LT1078
13k*
12.3k*
1k**
1k**
1k**
RP
1k AT
0
°C
43.2k**
1.21M*
(SELECT AT 110
°C)
5k
220
°C
TRIM
1
µF
10k*
50k
5
°C
TRIM
1
µF
0.02V TO 2.2VOUT =
2
°C TO 220°C ±0.1°C
3V (LITHIUM)
RP
**
*
= ROSEMOUNT 118MF
= TRW MAR-6 0.1%
= 1% METAL FILM
LT1078/79 • TA14
Lead-Acid Low-Battery Detector with System Shutdown
–
+
–
+
2
3
1
6
5
7
8
4
1/2 LT1078
1/2 LT1078
2M
1%
2M
1%
255k
1%
280k
1%
910k
5%
LT1004-1.2
LO = BATTERY LOW
(IF VS < 10.90V)
LO = SYSTEM SHUTDOWN
(IF VS < 10.05V)
BATTERY
OUTPUT
LT1078/79 • TA13
TOTAL SUPPLY CURRENT = 105
µA
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com