Electronic Components Datasheet Search
  English  ▼

X  

LT1079IN Datasheet(PDF) 18 Page - Linear Technology

Part # LT1079IN
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079IN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1079IN Datasheet HTML 12Page - Linear Technology LT1079IN Datasheet HTML 13Page - Linear Technology LT1079IN Datasheet HTML 14Page - Linear Technology LT1079IN Datasheet HTML 15Page - Linear Technology LT1079IN Datasheet HTML 16Page - Linear Technology LT1079IN Datasheet HTML 17Page - Linear Technology LT1079IN Datasheet HTML 18Page - Linear Technology LT1079IN Datasheet HTML 19Page - Linear Technology LT1079IN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1078/LT1079
10789fe
OBSOLETE PACKAGE
SCHEMATIC
SI PLIFIED
1/2 LT1078, 1/4 LT1079
10k
10k
2.2k
5.6k
Q5
Q6
Q11
600
Ω
600
Ω
Q1
Q21
Q2
Q22
Q9
C2
175pF
6.2k
Q7
Q28
4
1
Q12
Q3
Q16
Q14
Q29
Q4
Q24
8.6k
C1
50pF
C5
2.5pF
Q27
V+
Q10 Q17
Q8
6.2k
Q19
Q18
Q15
Q32
1.3k
3.6k
Q37
Q30
1
3
Q25
C4
4pF
2.9k
3k
Q31
C3
40pF
Q23
Q20
1.35k
30
Ω
Q34
Q36
OUT
Q26
30
Ω
Q35
5k
Q54
1
1
2
150k
Q33
10k
V+
Q38
5.35k
Q45
Q55
Q51
Q42
Q44
V+
V–
Q46
Q47
11.5k
V+
12.5k
Q40
Q41
Q48
9.1k
Q43
V–
700k
700k
LT1078/79 • SIMPLIFIED SCHEM
IN–
IN+
Q50
Q49
J1
Q39
Q53
Q52
H8 (TO-5) 0.230 PCD 1197
0.050
(1.270)
MAX
0.016 – 0.021**
(0.406 – 0.533)
0.010 – 0.045*
(0.254 – 1.143)
SEATING
PLANE
0.040
(1.016)
MAX
0.165 – 0.185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
0.500 – 0.750
(12.700 – 19.050)
0.305 – 0.335
(7.747 – 8.509)
0.335 – 0.370
(8.509 – 9.398)
DIA
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
0.230
(5.842)
TYP
0.027 – 0.045
(0.686 – 1.143)
0.028 – 0.034
(0.711 – 0.864)
0.110 – 0.160
(2.794 – 4.064)
INSULATING
STANDOFF
45
°TYP
PIN 1
H Package
8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com