Electronic Components Datasheet Search
  English  ▼

X  

RH1814M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/關s Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 1 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
RH1814M
Quad 3mA, 100MHz, 750V/µs
Operational Amplifier
A
G
A
U
A
R
BSOLUTEXI
TI
S
DESCRIPTIO
(Note 1)
Supply Voltage .................................................... 12.6V
Differential Input Voltage (Note 2) .......................... ±6V
Input Voltage ........................................................... ±VS
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range .............. – 55°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
PACKAGE I FOR ATIO
RH1814M
5.5V
–5.5V
50k
100Ω
50k
RH1814M BI
TOP VIEW
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
14
13
12
11
10
9
8
1
2
3
4
5
6
7
W PACKAGE
14-LEAD FLATPAK GLASS SEALED
The RH1814 is a quad, low power, high speed, very high
slew rate operational amplifier with excellent DC perfor-
mance, reduced supply current, lower input offset voltage,
lower input bias current and higher DC gain than other
devices with comparable bandwidth. The circuit topology
is a voltage feedback amplifier with the slewing character-
istics of a current feedback amplifier.
The output drives a 100Ω load to ±3.35V with ±5V
supplies. On a single 5V supply, the output swings from
1.1V to 3.7V with a 100Ω load connected to 2.5V. The
amplifiers are stable with a 1000pF capacitive load making
them useful in buffer and cable driver applications.
The RH1814 is manufactured on Linear Technology’s
advanced low voltage complementary bipolar process.


Similar Part No. - RH1814M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814M LINER-RH1814M Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
logo
Analog Devices
RH1814M AD-RH1814M Datasheet
261Kb / 8P
Quad 3mA, 100MHz, 750V/μs Operational Amplifier
Rev. D
logo
Linear Technology
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
More results

Similar Description - RH1814M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com