Electronic Components Datasheet Search
  English  ▼

X  

RH1814M Datasheet(PDF) 5 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/關s Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 5 Page - Linear Technology

  RH1814M Datasheet HTML 1Page - Linear Technology RH1814M Datasheet HTML 2Page - Linear Technology RH1814M Datasheet HTML 3Page - Linear Technology RH1814M Datasheet HTML 4Page - Linear Technology RH1814M Datasheet HTML 5Page - Linear Technology RH1814M Datasheet HTML 6Page - Linear Technology RH1814M Datasheet HTML 7Page - Linear Technology RH1814M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
RH1814M
SYMBOL PARAMETER
CONDITIONS
MIN
MAX MIN
MAX MIN
MAX
MIN
MAX
MIN
MAX UNITS
VOS
Input Offset Voltage
(Note 4)
2.5
2.5
3
3.5
4.5
mV
IOS
Input Offset Current
500
500
750
1000
1500
nA
IB
Input Bias Current
±5
±5
±7.5
±10
±15
µA
Input Voltage Range
Guaranteed by CMRR
(Negative)
1.5
1.5
1.5
1.5
1.5
V
(Positive)
3.5
3.5
3.5
3.5
3.5
V
CMRR
Common-Mode Rejection
VCM = 1.5V to 3.5V
71
71
69
66
63
dB
Ratio
PSRR
Power Supply Rejection
VS = ±2V to ±5.5V
77
75
72
70
68
dB
Ratio
AVOL
Large-Signal Voltage Gain
VO = 1.5V to 3.5V, RL = 500Ω
0.9
0.8
0.6
0.5
0.4
V/mV
VO = 1.5V to 3.5V, RL = 100Ω
0.6
0.55
0.45
0.40
0.35
V/mV
VOUT
Maximum Output Voltage
RL = 500Ω, 30mV Overdrive
3.9
3.9
3.8
3.7
3.6
V
Swing (Positive)
RL = 100Ω, 30mV Overdrive
3.7
3.65
3.55
3.45
3.40
V
VOUT
Maximum Output Voltage
RL = 500Ω, 30mV Overdrive
1.1
1.1
1.15
1.2
1.3
V
Swing (Negative)
RL = 100Ω, 30mV Overdrive
1.3
1.35
1.4
1.45
1.5
V
IS
Supply Current
Per Amplifier
4
4
4
4
4
mA
VS = 5V, VCM = 0V, TA = 25°C, unless otherwise noted.
TABLE 2: ELECTRICAL CHARACTERISTICS (Post-Irradiation, Note 7)
200KRAD(Si)
100KRAD(Si)
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Differential inputs of ±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 5: This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com