Electronic Components Datasheet Search
  English  ▼

X  

XC6501 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6501
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6501 Datasheet HTML 12Page - Torex Semiconductor XC6501 Datasheet HTML 13Page - Torex Semiconductor XC6501 Datasheet HTML 14Page - Torex Semiconductor XC6501 Datasheet HTML 15Page - Torex Semiconductor XC6501 Datasheet HTML 16Page - Torex Semiconductor XC6501 Datasheet HTML 17Page - Torex Semiconductor XC6501 Datasheet HTML 18Page - Torex Semiconductor XC6501 Datasheet HTML 19Page - Torex Semiconductor XC6501 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16/21
XC6501 Series
  (11) CE Rising Respose Time
VIN = 3.8V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = 0.1μF (ceramic), Without CL
VIN = 6.0V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = 0.1μF (ceramic), Without CL
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 0.1μF (ceramic)
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 0.1μF (ceramic)
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = 0.1μF (ceramic), Without CL
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 0.1μF (ceramic)
XC6501x121
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [40μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CE Input Voltage
Output Voltage
XC6501x121
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [40μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CE Input Voltage
Output Voltage
XC6501x281
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [40μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
CE Input Voltage
Output Voltage
XC6501x501
-9.0
-6.0
-3.0
0.0
3.0
6.0
9.0
Time [40μs/div]
0.0
2.0
4.0
6.0
8.0
10.0
12.0
CE Input Voltage
Output Voltage
XC6501x281
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [40μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
CE Input Voltage
Output Voltage
XC6501x501
-9.0
-6.0
-3.0
0.0
3.0
6.0
9.0
Time [40μs/div]
0.0
2.0
4.0
6.0
8.0
10.0
12.0
CE Input Voltage
Output Voltage
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com