Electronic Components Datasheet Search
  English  ▼

X  

XC6501 Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6501
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501 Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6501 Datasheet HTML 13Page - Torex Semiconductor XC6501 Datasheet HTML 14Page - Torex Semiconductor XC6501 Datasheet HTML 15Page - Torex Semiconductor XC6501 Datasheet HTML 16Page - Torex Semiconductor XC6501 Datasheet HTML 17Page - Torex Semiconductor XC6501 Datasheet HTML 18Page - Torex Semiconductor XC6501 Datasheet HTML 19Page - Torex Semiconductor XC6501 Datasheet HTML 20Page - Torex Semiconductor XC6501 Datasheet HTML 21Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
XC6501
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
  (12) Ripple Rejection Rate
Ta = 25℃
V
IN = 2.2VDC+0.5Vp-pAC, Without CL
Ta = 25℃
V
IN = 2.2VDC+0.5Vp-pAC, CL = 0.1μF (cer amic)
Ta = 25℃
VIN = 3.8VDC+0.5Vp-pAC, CL = 0.1μF (ceramic)
Ta = 25℃
V
IN = 5.75VDC+0.5Vp-pAC, CL = 0.1μF (cer amic)
Ta = 25℃
VIN = 3.8VDC+0.5Vp-pAC, Without CL
Ta = 25℃
V
IN = 5.75VDC+0.5Vp-pAC, Without CL
XC6501x281
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
XC6501x501
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
XC6501x501
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
XC6501x281
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
XC6501x121
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
XC6501x121
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
I
OUT = 10mA
IOUT = 30mA
I
OUT = 100mA
I
OUT = 0.1mA
I
OUT = 10mA
IOUT = 30mA
I
OUT = 100mA
I
OUT = 0.1mA
IOUT = 10mA
I
OUT = 30mA
IOUT = 100mA
IOUT = 0.1mA
IOUT = 10mA
I
OUT = 30mA
IOUT = 100mA
IOUT = 0.1mA
I
OUT = 10mA
I
OUT = 30mA
IOUT = 100mA
IOUT = 0.1mA
I
OUT = 10mA
I
OUT = 30mA
IOUT = 100mA
IOUT = 0.1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com