Electronic Components Datasheet Search
  English  ▼

X  

79L08 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 79L08
Description  Negative-Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

79L08 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  79L08 Datasheet HTML 1Page - Wing Shing Computer Components 79L08 Datasheet HTML 2Page - Wing Shing Computer Components 79L08 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D 3-Terminal Regulators
D Output Current Up to 100 mA
D No External Components Required
D Internal Thermal-Overload Protection
D Internal Short-Circuit Current Limiting
D Provided Pb-Free packages from the end
of 2004
description
This series of fixed negative-voltage integrated-circuit
voltage regulators is designed for a wide range of
applications. These include on-card regulation for
elimination of
noise
and
distribution
problems
associatedwith single-point regulation. In addition,
they can be used to control series pass elements to make high-current voltage-regulator circuits. One of these
regulators can deliver up to 100 mA of output current. The internal current-limiting and thermal-shutdown features
make them essentially immune to overload. When used as a replacement for a zener-diode and resistor combination,
these devices can provide ef
current.
TO–92
electrical characteristics at specified virtual junction temperature, VI =
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ‡
UNIT
J
MIN
TYP
MAX
V
7Vto20V
I
1 mA to 40 mA
25
°C
Output voltage
V
7 V t 20 V
I
1
A t 40
A
Full range
V
Input
VI =
25
°C
mV
voltage regulation
VI =
25
°C
mV
Ripple rejection
VI =
f = 120 Hz
25
°C
dB
Output
IO = 1 mA to
25
°C
mV
voltage regulation
IO = 1 mA to
25
°C
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
µV
Dropout voltage
25
°C
1.7
V
Bias current
25
°C
6
mA
Bias c rrent
125
°C
5.5
mA
Bias
VI =
Full range
1.5
mA
current change
IO = 1 mA to 40 mA
F ll range
0.1
mA
‡ Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Full range for the 7
J = 0°C to 70°C
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
ic@wingshing.com
79L08
Negative-Voltage Regulators
OUTPUT
INPUT
COMMON
9L08 is T
-7.7
-8
-8.3
-7.6
-8.4
42
30
15
mV
mA
mA
mV
25 C
25 C
Full
Bias current
I =1 to 40mA, V = -10.5V to -
-10.5V to -23V
-11V to -23V
-11V to -23V
-11V to -23V
SOT-89
COMMON INPUT OUTPUT
o
-23V
fective improvement in output iimpedance of two orders of magnitude, with lower bias
40mA
100mA
36
3
200
150
o
79L08ACZ
79L08CPK
79L06
3-1
-14V, I = 40mA (unless
C
O
I
Io=1mA to 70mA
37
46
100
50
54


Similar Part No. - 79L08

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
79L08 SKTECHNOLGY-79L08 Datasheet
2Mb / 3P
Plastic-Encapsulate Voltage Regulators
logo
Guangdong Youtai Semico...
79L08 UMW-79L08 Datasheet
3Mb / 6P
Three terminal negative voltage regulator
logo
TECH PUBLIC Electronics...
79L08 TECHPUBLIC-79L08 Datasheet
2Mb / 6P
NEGATIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
79L08A ESTEK-79L08A Datasheet
217Kb / 6P
fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
logo
List of Unclassifed Man...
79L08AC ETC-79L08AC Datasheet
82Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
More results

Similar Description - 79L08

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com