Electronic Components Datasheet Search
  English  ▼

X  

79L08 Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # 79L08
Description  Negative-Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

79L08 Datasheet(HTML) 3 Page - Wing Shing Computer Components

  79L08 Datasheet HTML 1Page - Wing Shing Computer Components 79L08 Datasheet HTML 2Page - Wing Shing Computer Components 79L08 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Output
115
950
2
Input
115
690
1
Ground
1150
115
Pad N
Pad Name
X(µm)
Y(µm)
Pad Location WS79L00
chip size 1.15 x 1.35mm
Pad Location Coordinates
90µm
3
2
1
WS
3-3
79L08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com